Electronic Components Datasheet Search
  English  ▼

X  

MMRF1005H Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF1005H
Description  RF Power Field Effect Transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1005H Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF1005H Datasheet HTML 1Page - NXP Semiconductors MMRF1005H Datasheet HTML 2Page - NXP Semiconductors MMRF1005H Datasheet HTML 3Page - NXP Semiconductors MMRF1005H Datasheet HTML 4Page - NXP Semiconductors MMRF1005H Datasheet HTML 5Page - NXP Semiconductors MMRF1005H Datasheet HTML 6Page - NXP Semiconductors MMRF1005H Datasheet HTML 7Page - NXP Semiconductors MMRF1005H Datasheet HTML 8Page - NXP Semiconductors MMRF1005H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MMRF1005HR5 MMRF1005HSR5
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N--Channel Enhancement--Mode Lateral MOSFETs
RF power transistors designed for CW and pulse applications operating at
1300 MHz. These devices are suitable for use in defense and commercial CW
and pulse applications, such as DME/IFF systems.
 Typical Pulse Performance: VDD =50 Vdc,IDQ = 100 mA
Signal Type
Pout
(W)
f
(MHz)
Gps
(dB)
D
(%)
IRL
(dB)
Pulse (200 sec,
10% Duty Cycle)
250 Peak
1300
22.7
57.0
--18
 Typical CW Performance: VDD =50 Vdc,IDQ =10 mA, TC =61C
Signal Type
Pout
(W)
f
(MHz)
Gps
(dB)
D
(%)
IRL
(dB)
CW
230 CW
1300
20.0
53.0
--25
 Capable of Handling a Load Mismatch of 10:1 VSWR, @ 50 Vdc, 1300 MHz
at all Phase Angles, 250 W Pulse Peak Power, 10% Duty Cycle, 200 sec
Features
 Characterized with series equivalent large--signal impedance parameters
 Internally matched for ease of use
 Qualified up to a maximum of 50 VDD operation
 Characterized from 20 to 50 V for extended power range
 Integrated ESD protection
 Greater negative gate--source voltage range for improved Class C
operation
 In tape and reel. R5 suffix = 50 units, 56 mm tape width, 13--inch reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +120
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Storage Temperature Range
Tstg
-- 65 to +150
C
Case Operating Temperature
TC
150
C
Operating Junction Temperature (1)
TJ
225
C
Total Device Dissipation @ TC =25C
Derate above 25C
PD
476
2.38
W
W/C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2)
Unit
Thermal Resistance, Junction to Case
Pulse: Case Temperature 65C, 250 W Peak, 200 sec Pulse Width, 10% Duty
Cycle, 50 Vdc, IDQ = 100 mA, 1300 MHz
CW: Case Temperature 77C, 235 W CW, 50 Vdc, IDQ = 10 mA, 1300 MHz
ZJC
RJC
0.07
0.42
C/W
1. Continuous use at maximum temperature will affect MTTF.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf and search for AN1955.
1300 MHz, 250 W, 50 V
LATERAL N--CHANNEL
RF POWER MOSFETs
MMRF1005HR5
MMRF1005HSR5
NI--780H--2L
MMRF1005HR5
NI--780S--2L
MMRF1005HSR5
Document Number: MMRF1005H
Rev. 1, 4/2015
Freescale Semiconductor
Technical Data
 Freescale Semiconductor, Inc., 2013, 2015. All rights reserved.


Similar Part No. - MMRF1005H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF1004GNR1 NXP-MMRF1004GNR1 Datasheet
965Kb / 27P
RF Power Field Effect Transistors
Rev. 1, 1/2014
MMRF1004N NXP-MMRF1004N Datasheet
965Kb / 27P
RF Power Field Effect Transistors
Rev. 1, 1/2014
MMRF1004NR1 NXP-MMRF1004NR1 Datasheet
965Kb / 27P
RF Power Field Effect Transistors
Rev. 1, 1/2014
MMRF1006H NXP-MMRF1006H Datasheet
754Kb / 13P
RF Power Field Effect Transistors
Rev. 1, 11/2015
MMRF1006HR5 NXP-MMRF1006HR5 Datasheet
754Kb / 13P
RF Power Field Effect Transistors
Rev. 1, 11/2015
More results

Similar Description - MMRF1005H

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com