Electronic Components Datasheet Search
  English  ▼

X  

WMSAW14 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # WMSAW14
Description  6~15 Watts AC/DC Wall Mount Power Supplies Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMSAW14 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  WMSAW14 Datasheet HTML 1Page - Wall Industries,Inc. WMSAW14 Datasheet HTML 2Page - Wall Industries,Inc. WMSAW14 Datasheet HTML 3Page - Wall Industries,Inc. WMSAW14 Datasheet HTML 4Page - Wall Industries,Inc. WMSAW14 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev D
WMSAW14 SERIES
6~15 Watts
AC/DC Wall Mount Power Supplies
Single Output
05/07/2018
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
United States (“U” Suffix)
United Kingdom (“K” Suffix)
Europe (“E” Suffix)
Size: 2.92in x 1.15in x 1.64in (74.2mm x 29.2mm x 41.7mm)
China (“C” Suffix)
Australia (“A” Suffix)
Japan (“J” Suffix)
Korean (“KR” Suffix)
Size: 2.92in x 1.15in x 1.64in (74.2mm x 29.2mm x 41.7mm)
FEATURES
• Single Outputs
• RoHS & REACH Compliant
• 90~264VAC Input Voltage Range
• 6~15 Watts Output Power
• Very Low Standby Power
• 10°C to +40° Operating Temperature Range
• Class II Construction
• Over Current, and Short Circuit Protection
• Efficiency Level VI Compliant
• 60950/60335/61558/60065 Safety Approvals
• Available in White Case
• United States, United Kingdom, Europe, China, Australia, Korea,
and Japan AC Plug Types Available
• Several Output Connector Options Available
DESCRIPTION
The WMSAW14 series of AC/DC wall mount power supplies provides up to 15 Watts of output power. This series has single output
models with an input voltage range of 90~264VAC. These supplies are protected against over voltage, over current, and short circuit
conditions. The WMSAW14 series is RoHS, REACH, and Efficiency Level VI compliant and has 60950/60335/61558/60065 safety
approvals. United States, United Kingdom, Europe, China, Australia, Korea, and Japan AC plug types are available for this series. Several
output connector options are also available. Please contact the factory for ordering details.
MODEL SELECTION TABLE
Model Number (1)
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise (2)
Output Power
WMSAW705-x
90~264VAC
5VDC
1.5A
60mV
7.5W
WMSAW1005-x
5VDC
2A
60mV
10W
WMSAW1575-x
7.5VDC
2A
60mV
15W
WMSAW1309-x
9VDC
1.5A
60mV
13.5W
WMSAW1412-x
12VDC
1.25A
60mV
15W
WMSAW1515-x
15VDC
1A
60mV
15W
WMSAW1224-x
24VDC
0.5A
120mV
12W
NOTES
1. The “x” in the model number represents the type of plug: “U” for United States type, “K” for United Kingdom type, “E” for
Europe type, “A” for Australia type, “C” for China type, “J” for Japan type, and “KR” for Korean plug type.
2. Ripple & noise measured at 20MHz limited bandwidth with 0.1µF ceramic & 10µF electrolytic capacitors across the output
3. Several output connector options are available. Contact factory for details.
4. White package available. Contact factory for details


Similar Part No. - WMSAW14

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMSAW06D WALL-WMSAW06D Datasheet
387Kb / 4P
Universal Input Voltage of 90~264VAC
WMSAW06D-05-1000xAy WALL-WMSAW06D-05-1000xAy Datasheet
387Kb / 4P
Universal Input Voltage of 90~264VAC
WMSAW06D-05-1000xBy WALL-WMSAW06D-05-1000xBy Datasheet
387Kb / 4P
Universal Input Voltage of 90~264VAC
WMSAW06D-05-1200xAy WALL-WMSAW06D-05-1200xAy Datasheet
387Kb / 4P
Universal Input Voltage of 90~264VAC
WMSAW06D-05-1200xBy WALL-WMSAW06D-05-1200xBy Datasheet
387Kb / 4P
Universal Input Voltage of 90~264VAC
More results

Similar Description - WMSAW14

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
Power Systems GmbH+Co.K...
WN10A-050 POWER-SYSTEMS-WN10A-050 Datasheet
102Kb / 1P
AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
WN10B-050 POWER-SYSTEMS-WN10B-050 Datasheet
107Kb / 1P
AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
WRG20F-050B POWER-SYSTEMS-WRG20F-050B Datasheet
51Kb / 1P
AC-DC Power Supplies 20 WATTS WALL MOUNT TOP AC ADAPTER
logo
Wall Industries,Inc.
WMIHPU15 WALL-WMIHPU15 Datasheet
531Kb / 4P
Up to 15 Watts, Medical AC - DC Wall Mount Power Supplies
WMGPSU06 WALL-WMGPSU06 Datasheet
307Kb / 4P
AC/DC Wall Mount Power Supplies
WMAPU10 WALL-WMAPU10 Datasheet
282Kb / 4P
8~10 Watts AC/DC Wall Mount Power Supplies
WMSAW6 WALL-WMSAW6 Datasheet
875Kb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW6USB WALL-WMSAW6USB Datasheet
1Mb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSPU10 WALL-WMSPU10 Datasheet
231Kb / 4P
8~10 Watts AC/DC Wall Mount Power Supplies Single Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com