Electronic Components Datasheet Search
  English  ▼

X  

WMSAW14 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # WMSAW14
Description  6~15 Watts AC/DC Wall Mount Power Supplies Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMSAW14 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  WMSAW14 Datasheet HTML 1Page - Wall Industries,Inc. WMSAW14 Datasheet HTML 2Page - Wall Industries,Inc. WMSAW14 Datasheet HTML 3Page - Wall Industries,Inc. WMSAW14 Datasheet HTML 4Page - Wall Industries,Inc. WMSAW14 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev D
WMSAW14 SERIES
6~15 Watts
AC/DC Wall Mount Power Supplies
Single Output
05/07/2018
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS: WMSAW14 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage
Rated input voltage range
90
115/230
264
VAC
Input Frequency
47
50/60
63
Hz
Input Current
1.2
A
Inrush Current
40
A
Stand-by Power
230VAC/50Hz and no load
0.1
W
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Range
3
30
V
Line Regulation
1
%
Output Regulation
-5
+5
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
mA
Ripple & Noise
100
mVp-p
Turn-on Time
20
30
mS
Temperature Coefficient
0.05
%/ºC
PROTECTION
Over Current Protection
Automatic Recovery
100
2500
mA
Short Circuit Protection
Automatic recovery
GENERAL SPECIFICATIONS
Efficiency
VI
Primary to Secondary
50
M
Ω
Leakage Current
0.25
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
10
40
°C
Storage Temperature
-20
80
°C
Operating Humidity
Non-Condensing
5
95
% RH
Cooling
Free air convection
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
Contact factory for more dimension information
Approximately 2.92” x 1.15” x 1.64”
(74.2 x 29.2 x 41.7 mm)
Weight
Approximately 5.29oz (150g)
Output Connector
Contact factory for options
Plugs
United States, United Kingdom, Europe, Australia, China, Korea and Japan types
SAFETY & COMPLIANCE
Safety Approvals
All
60950/60335/61558/60065
China Plug
CCC
Korea Plug
KC, KCC
Japan Plug
PSE
Australia Plug
SAA, C-Tick, RCM
UK & EU Plug
CE, CB, GS
US Plug
UL, FCC
Compliance
RoHS, REACH, Efficiency Level VI compliant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com