Electronic Components Datasheet Search
  English  ▼

X  

WMSAW14 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # WMSAW14
Description  6~15 Watts AC/DC Wall Mount Power Supplies Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMSAW14 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  WMSAW14 Datasheet HTML 1Page - Wall Industries,Inc. WMSAW14 Datasheet HTML 2Page - Wall Industries,Inc. WMSAW14 Datasheet HTML 3Page - Wall Industries,Inc. WMSAW14 Datasheet HTML 4Page - Wall Industries,Inc. WMSAW14 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev D
WMSAW14 SERIES
6~15 Watts
AC/DC Wall Mount Power Supplies
Single Output
05/07/2018
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
Korean (“KR” Suffix)
MODEL NUMBER SETUP
WMSAW
14
12
-
U
Series Name
Output Power
Ouptut Voltage
AC Plug Type
7:
7.5 Watts
05:
5 VDC
U:
United States
10:
10 Watts
75:
7.5 VDC
K:
United Kingdom
12:
12 Watts
09:
9 VDC
E:
Europe
13:
13.5 Watts
12:
12 VDC
A:
Australia
15:
15 Watts
15:
15 VDC
C:
China
24:
24 VDC
J:
Japan
KR:
Korea
Note: Several output connector options are available. Please contact factory for ordering details.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com