Electronic Components Datasheet Search
  English  ▼

X  

WMSPU10 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # WMSPU10
Description  8~10 Watts AC/DC Wall Mount Power Supplies Single Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMSPU10 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  WMSPU10 Datasheet HTML 1Page - Wall Industries,Inc. WMSPU10 Datasheet HTML 2Page - Wall Industries,Inc. WMSPU10 Datasheet HTML 3Page - Wall Industries,Inc. WMSPU10 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev D
WMSPU10 SERIES
8~10 Watts
AC/DC Wall Mount Power Supplies
Single Outputs
09/9/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
Size:
Weight:
2.20 x 1.73 x 1.08 inches
3.17oz (90g)
56.0 x 44.0 x 27.5 mm
FEATURES
• Class II
• RoHS Compliant
• Up to 10 Watts Output Power
• 85% High Efficiency
• Energy Star 2.0, Efficiency Level
VI
• 90-264VAC Input Voltage Range
• 100% Burn-In Tested
• 2 Prong Plug-in Mains Connector
• Single Outputs Ranging from 5VDC to 48VDC
• 0°C to +70°C Operating Temperature Range
• Meets FCC Class B Emission Limits
• UL 60950-1:2nd Edition and CSA C22.2 No 60950-1-07
Safety Approvals
• Optional Output Connectors Available
• Useful in a variety of applications
DESCRIPTION
The WMSPU10 series of Class II AC/DC wall mount power supplies provides up to 10 Watts of
continuous output power in a 2.20 x 1.73 x 1.08 inch package. This series consists of single
output models ranging from 5VDC to 40VDC with a 90~264VAC input voltage range. All units are
RoHS, and CEC & Energy Star Level VI compliant. This series also meets FCC class B emission
limits and all models have UL 60950-1:2nd Edition and CSA C22.2 No 60950-1-07 safety
approvals. All units have been 100% burn-in tested.
MODEL SELECTION TABLE
Model Number
Input Voltage
Range
Output
Voltage(1)
Output
Current
Total
Regulation(2)
Ripple &
Noise
Output Power
No-Load Power
Consumption
Efficiency
WMSPU10-102
90 ~ 264VAC
5 ~ 5.99 VDC
1.33~1.60A
±5%
60mVp-p
8W
0.1W
77.2%
WMSPU10-103
6.5 ~ 8 VDC
1.00~1.23A
±5%
80mVp-p
8W
0.1W
80.7%
WMSPU10-104
8 ~ 11 VDC
0.90~1.25A
±5%
110mVp-p
10W
0.1W
82%
WMSPU10-105
11 ~ 13 VDC
0.76~0.90A
±5%
130mVp-p
10W
0.1W
82%
WMSPU10-106
13 ~ 16 VDC
0.62~0.76A
±5%
150mVp-p
10W
0.1W
82%
WMSPU10-107
16 ~ 21 VDC
0.47~0.62A
±5%
150mVp-p
10W
0.1W
82%
WMSPU10-108
21 ~ 27 VDC
0.37~0.47A
±4%
200mVp-p
10W
0.1W
82%
WMSPU10-109
27 ~ 33 VDC
0.30~0.37A
±4%
200mVp-p
10W
0.1W
83%
WMSPU10-110
33 ~ 40 VDC
0.25~0.30A
±4%
200mVp-p
10W
0.1W
84%
WMSPU10-111
40 ~ 48 VDC
0.20~0.25A
±4%
200mVp-p
10W
0.1W
85%


Similar Part No. - WMSPU10

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WMS MSYSTEM-WMS Datasheet
104Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
logo
KITAGAWA GmbH
WMS KGS-WMS Datasheet
255Kb / 1P
Standard wire mesh gaskets
logo
Brady Worldwide, Inc.
WMS-111-321 BRADY-WMS-111-321 Datasheet
295Kb / 1P
Cable Marking Labels
logo
KITAGAWA GmbH
WMS-15-15-M KGS-WMS-15-15-M Datasheet
255Kb / 1P
Standard wire mesh gaskets
WMS-15-32-M KGS-WMS-15-32-M Datasheet
255Kb / 1P
Standard wire mesh gaskets
More results

Similar Description - WMSPU10

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
WN10A-050 POWER-SYSTEMS-WN10A-050 Datasheet
102Kb / 1P
AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
WN10B-050 POWER-SYSTEMS-WN10B-050 Datasheet
107Kb / 1P
AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
WRG20F-050B POWER-SYSTEMS-WRG20F-050B Datasheet
51Kb / 1P
AC-DC Power Supplies 20 WATTS WALL MOUNT TOP AC ADAPTER
logo
Wall Industries,Inc.
WMEM1024 WALL-WMEM1024 Datasheet
264Kb / 3P
16 - 36 Watts Medical AC - DC Wall Mount Power Supplies
WMGPSU06 WALL-WMGPSU06 Datasheet
307Kb / 4P
AC/DC Wall Mount Power Supplies
WMAPU10 WALL-WMAPU10 Datasheet
282Kb / 4P
8~10 Watts AC/DC Wall Mount Power Supplies
logo
XP Power Limited
VCE10 XPPOWER-VCE10_18 Datasheet
594Kb / 4P
AC-DC Power Supplies 10 Watts
logo
Wall Industries,Inc.
WMSAW6 WALL-WMSAW6 Datasheet
875Kb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW6USB WALL-WMSAW6USB Datasheet
1Mb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW14 WALL-WMSAW14 Datasheet
669Kb / 5P
6~15 Watts AC/DC Wall Mount Power Supplies Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com