Electronic Components Datasheet Search
  English  ▼

X  

WMSPU10 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # WMSPU10
Description  8~10 Watts AC/DC Wall Mount Power Supplies Single Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMSPU10 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  WMSPU10 Datasheet HTML 1Page - Wall Industries,Inc. WMSPU10 Datasheet HTML 2Page - Wall Industries,Inc. WMSPU10 Datasheet HTML 3Page - Wall Industries,Inc. WMSPU10 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev D
WMSPU10 SERIES
8~10 Watts
AC/DC Wall Mount Power Supplies
Single Outputs
09/9/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
TECHNICAL SPECIFICATIONS: WMSPU10 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage
Safety Approvals Input Voltage Range
100
240
VAC
Operating Input Voltage Range
90
264
Input Frequency
47
63
Hz
Input Current
Low Line
100VAC, full load
0.3
A
High Line
240VAC, full load
0.12
Inrush Current
Low Line
100VAC, full load, 25°C, cold start
25
35
A
High Line
240VAC, full load, 25°C, cold start
50
84
No Load Power Consumption
230VAC, no load
0.1
W
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation(6)
Full Load, 100~120VAC
0.5
1
%
Load Regulation(7)
230VAC, 10~90% Load Change at Condition
4
5
%
Output Power
See Table
Output Current
See Table
Ripple & Noise(8)
See Table
Hold-up Time(9)
110VAC, full load
10
ms
Start-up Time
100~240VAC, full load
3
s
Transient Response Time
110VAC, Full load
4
ms
Temperature Coefficient
Full Load, Vin=100~240VAC
-0.04
+0.04
%/°C
PROTECTION
Over Voltage Protection
none
Over Current Protection
Output is protected against short circuit conditions
none
GENERAL SPECIFICATIONS
Efficiency
230VAC, full load
See Table
Dielectric Withstanding Voltage
Primary to Secondary
4242
VDC
Safety Ground Leakage Current
240VAC/60Hz
0.25
mA
Surge Voltage
Line-Neutral
1
kV
Line-PE & Neutral-PE
2
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derating linearly from 100% Load at 40°C to 50% load at 70°C
0
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
Non-Condensing
0
95
%
Storage Humidity
0
95
%
Cooling
Free air convection
Altitude
All Conditions
2000
M
Vibration
10~500Hz, 10min./1cycle, 60min. each along X, Y, Z axes
5
G
MTBF
MIL-HDBK-217F, 25°C
100,000
hours
PHYSICAL SPECIFICATIONS
Weight
3.17oz (90g)
Dimensions (L x W x H)
2.20 x 1.73 x 1.08 inches
(56.0 x 44.0 x 27.5 mm)
AC Plug
US Type
Output Connector
Several options available
SAFETY, EMC, & COMPLIANCE
Safety Approvals
UL 60950-1:2nd Edition, CSA C22.2 No. 60905-1-07
EMC Emission
Compliance to EN55022 (CISPR22)
B
Class
Compliance
RoHS and UL 94V-1
CEC & Energy Star
CEC and Energy Star 2.0, Efficiency Level VI
Electrostatic Discharge
IEC61000-4-2
Air Discharge
1
kV
Contact Discharge
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com