Electronic Components Datasheet Search
  English  ▼

X  

WMSPU10 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # WMSPU10
Description  8~10 Watts AC/DC Wall Mount Power Supplies Single Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMSPU10 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  WMSPU10 Datasheet HTML 1Page - Wall Industries,Inc. WMSPU10 Datasheet HTML 2Page - Wall Industries,Inc. WMSPU10 Datasheet HTML 3Page - Wall Industries,Inc. WMSPU10 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev D
WMSPU10 SERIES
8~10 Watts
AC/DC Wall Mount Power Supplies
Single Outputs
09/9/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
NOTES
1. The output voltage is specified as a range (ex: 33~40VDC); the customer must specify what they would like the output voltage set at.
2. Models WMSPU10A-102~105 need to use AWG#20/4FT output cable in order to meet the total regulation specified.
Models WMSPU10A-106~108 need to use AWG#22/4FT output cable in order to meet the total regulation specified.
Models WMSPU10A-109~111 need to use AWG#24/4FT output cable in order to meet the total regulation specified.
The regulation and efficiency will change if a different output cable is used.
3. Optional output connectors are available for this series. Please call factory for ordering details.
4. Output can provide up to peak load when the power supply starts up. Continually staying in more than rated load is not allowed.
5. Each output is checked to be within voltage accuracy in 60% rated load condition.
6. Line regulation is defined by changing ±10%% of input voltage from nominal line at rated load.
7. Load regulation is defined by changing ±40% of measured output load from 60% rated load.
8. Ripple & Noise is measured by using 20MHz bandwidth limited oscilloscope and terminated each output with a 0.47uF capacitor at rated load
and nominal line.
9. Hold up time is measured from the end of the last charging pulse to the time which the main output drops down to low limit of main output at
rated load and nominal line.
DERATING CURVE
Input Voltage Derating Curve
Temperature Derating Curve
MECHANICAL DRAWING
Notes:
1.
Unit: Inches (mm)
2.
Weight: 3.17oz (90g)
Models WMSPU10A-102~105 need to use AWG#20/4FT output
cable in order to meet the total regulation specified.
Models WMSPU10A-106~108 need to use AWG#22/4FT output
cable in order to meet the total regulation specified.
Models WMSPU10A-109~111 need to use AWG#24/4FT output
cable in order to meet the total regulation specified.
The regulation and efficiency will change if a different output cable is
used.
3.
Optional output connections available. Please call factory for
ordering details.
All dimensions are for reference only.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com