Electronic Components Datasheet Search
  English  ▼

X  

APA2012 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APA2012
Description  3W Mono Class-D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2012 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APA2012 Datasheet HTML 4Page - Anpec Electronics Coropration APA2012 Datasheet HTML 5Page - Anpec Electronics Coropration APA2012 Datasheet HTML 6Page - Anpec Electronics Coropration APA2012 Datasheet HTML 7Page - Anpec Electronics Coropration APA2012 Datasheet HTML 8Page - Anpec Electronics Coropration APA2012 Datasheet HTML 9Page - Anpec Electronics Coropration APA2012 Datasheet HTML 10Page - Anpec Electronics Coropration APA2012 Datasheet HTML 11Page - Anpec Electronics Coropration APA2012 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2018
www.anpec.com.tw
8
APA2012
Pin Description
PIN
NO.
WLCSP1.2x1.2-9
TDFN3x3-8
NAME
I/O
FUNCTION
A1
4
INP
I
The non-inverting input of amplifier. INP is connected to Gnd via a
capacitor for single-end (SE) input signal.
A2
6
GND
-
Ground connection for circuitry.
A3
5
VON
O
The negative output terminal of Class-D amplifier.
B1
3
VDD
-
Supply voltage input pin.
B2
7
PVDD
-
Supply voltage only for power stage.
B3
-
PGND
-
Ground connection for power stage
C1
2
INN
I
The inverting input of amplifier. INN is used as audio input
terminal, typically.
C2
1
SD
I
Shutdown mode control signal input, place entire IC in shutdown
mode when held low.
C3
8
VOP
O
The positive output terminal of Class-D amplifier.
Block Diagram
Startup
protection
logic
Biases &
Reference
Over-Current
Protection
Thermal
Protection
Gate
Drive
De-glitch
&
Modulati
on Logic
Gate
Drive
PVDD
VON
GND
INP
INN
RAMP GEN
TTL Input
Buffer
SD
VOP
320k
Ω
VDD
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com