Electronic Components Datasheet Search
  English  ▼

X  

APA2012 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA2012
Description  3W Mono Class-D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2012 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA2012 Datasheet HTML 1Page - Anpec Electronics Coropration APA2012 Datasheet HTML 2Page - Anpec Electronics Coropration APA2012 Datasheet HTML 3Page - Anpec Electronics Coropration APA2012 Datasheet HTML 4Page - Anpec Electronics Coropration APA2012 Datasheet HTML 5Page - Anpec Electronics Coropration APA2012 Datasheet HTML 6Page - Anpec Electronics Coropration APA2012 Datasheet HTML 7Page - Anpec Electronics Coropration APA2012 Datasheet HTML 8Page - Anpec Electronics Coropration APA2012 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2018
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
3W Mono Class-D Audio Power Amplifier
With Auto-Recovering Short-Circuit Protection
APA2012
The APA2012 is a mono, filter-free Class-D audio ampli-
fier available in a WLCSP package. The gain can be set-
ting by external input resistance. High PSRR and differ-
ential architecture provide increased immunity to noise
and RF rectification. In addition to these features, a fast
startup time and small package size make the APA2012
an ideal choice for both cellular handsets and PDAs.
The APA2012 is capable of driving 1.3 W at 5 V or 600 mW
at 3.6 V into 8
Ω. The APA2012 is also capable of driving
4
Ω. The APA2012 is designed with a Class-D architec-
ture and operating with highly efficiency compared with
Class-AB amplifier. It's suitable for power sensitive
application, such as battery powered devices. The filter-
free architecture eliminates the output filter, reduces the
external component count, board area, and system costs,
and simplifies the design.
The APA2012 provides thermal and over circuit protection.
Features
General Description
Applications
• Mobile Phones
• Handsets
• PDAs
• Portable multimedia devices
• Operating Voltage: 2.4V-6V
• Low SupplyCurrent
– I
DD=1.8mA at VDD=5V
– I
DD=1.5mA at VDD=3.6V
• Low Shutdown Current
– I
DD=0.1µA at VDD=5V
• Output Power
at 1% THD+N
– 1.41W, at V
DD=5V, RL=8Ω
– 0.74W, at V
DD=3.6V, RL=8Ω
– 2.51W, at V
DD=5V, RL=4Ω
– 1.32W, at V
DD=3.6V, RL=4Ω
at 10% THD+N
– 1.8W, at V
DD=5V, RL=8Ω
– 0.91W, at V
DD=3.6V, RL=8Ω
– 3.2W, at V
DD=5V, RL=4Ω
– 1.62W, at V
DD=3.6V, RL=4Ω
• Less External Components Required
• Fast Startup Time (4ms)
• High PSRR: 75 dB at 217 Hz
• Short-Circuit and Thermal Protection
• 9-Ball, 1.2mm x 1.2 mm Pitch WLCSP
Simplified Application Circuit
Bias
Circuitry
OUTP
OUTN
INN
APA2012
INP
SHUTDOWN
VOP
VON
Input
Signal


Similar Part No. - APA2012

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2012HAI-TRG ANPEC-APA2012HAI-TRG Datasheet
344Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2012QBI-TRG ANPEC-APA2012QBI-TRG Datasheet
344Kb / 19P
3W Mono Class-D Audio Power Amplifier
More results

Similar Description - APA2012

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Monolithic Power System...
MP1740 MPS-MP1740 Datasheet
311Kb / 11P
3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
logo
Integrated Silicon Solu...
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010B-UTLS2-TR ISSI-IS31AP2010B-UTLS2-TR Datasheet
366Kb / 13P
3W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 2
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com