Electronic Components Datasheet Search
  English  ▼

X  

APA2012 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APA2012
Description  3W Mono Class-D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2012 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APA2012 Datasheet HTML 1Page - Anpec Electronics Coropration APA2012 Datasheet HTML 2Page - Anpec Electronics Coropration APA2012 Datasheet HTML 3Page - Anpec Electronics Coropration APA2012 Datasheet HTML 4Page - Anpec Electronics Coropration APA2012 Datasheet HTML 5Page - Anpec Electronics Coropration APA2012 Datasheet HTML 6Page - Anpec Electronics Coropration APA2012 Datasheet HTML 7Page - Anpec Electronics Coropration APA2012 Datasheet HTML 8Page - Anpec Electronics Coropration APA2012 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2018
www.anpec.com.tw
5
APA2012
Typical Operating Characteristics
THD+N vs. Output Power
Output Power (W)
0
1
2
3
4
0.01
10
0.1
1
VDD=2.4V
VDD=3.6V
VDD=5V
VDD=5.5V
fin=1kHz
Cin=0.1uF
Rin=150k
Ω
RL=4
Ω
THD+N vs. Output Power
Output Power (W)
0
0.4
0.8
1.2
1.6
2
0.01
10
0.1
1
2.4
VDD=2.4V
VDD=3.6V
VDD=5V
VDD=5.5V
fin=1kHz
Cin=0.1uF
Rin=150k
Ω
RL=8
Ω
THD+N vs. Frequency
Frequency (Hz)
20
20k
100
1k
10k
0.001
0.01
0.1
1
Po=1.7W
Po=0.17W
Po=0.8W
VDD=5V
Cin=0.1uF
Rin=150k
Ω
RL=4
Ω
THD+N vs. Frequency
Frequency (Hz)
20
20k
100
1k
10k
0.001
0.01
0.1
1
Po=0.9W
Po=0.09W
Po=0.45W
VDD=5V
Cin=0.1uF
Rin=150k
Ω
RL=8
Ω
Frequence Response
Frequency (Hz)
20
50k
100
1k
10k
+0
+2
+4
+8
+6
+10
-200
-100
+0
+100
+200
+300
-400
-300
VDD=5V
Cin=0.1uF
Rin=150k
Ω
RL=4
Ω
Po=2.1W
Output Noise Voltage vs.
Frequency
Frequency (Hz)
20
20k
100
1k
10k
45
µ
50
µ
65
µ
75
µ
55
µ
85
µ
Cin=0.1uF
Rin=150k
Ω
RL=4
Ω
Input Short to GND
A-weighting
VDD=2.4V
VDD=3.6V
VDD=5V
VDD=5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com