Electronic Components Datasheet Search
  English  ▼

X  

APA2018 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APA2018
Description  3.6W Constant Output Power Class-D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2018 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA2018 Datasheet HTML 9Page - Anpec Electronics Coropration APA2018 Datasheet HTML 10Page - Anpec Electronics Coropration APA2018 Datasheet HTML 11Page - Anpec Electronics Coropration APA2018 Datasheet HTML 12Page - Anpec Electronics Coropration APA2018 Datasheet HTML 13Page - Anpec Electronics Coropration APA2018 Datasheet HTML 14Page - Anpec Electronics Coropration APA2018 Datasheet HTML 15Page - Anpec Electronics Coropration APA2018 Datasheet HTML 16Page - Anpec Electronics Coropration APA2018 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Apr., 2016
APA2018
www.anpec.com.tw
13
Function Descriptions
∆IL is inversely proportional to L. Minimize ∆IL is as much
as necessary for a specific application. Increase the in-
ductance to reduce the ripple current. Do not use greater
than 4.7
µH, as this prevents the boost converter from
responding to fast output current changes properly. If
using above 3.3
µH, and then use at least 10µF capaci-
tance on PVDD to ensure boost converter stability.
The typical inductor value range for the APA2018 is 2.2
µH
to 3.3
µH. Select an inductor with less than 0.5Ω dc
resistance, DCR. Higher DCR reduces total efficiency
due to an increase in voltage drop across the inductor.
Thermal protection
Boost Converter Capacitor Selection
The value of the boost capacitor is determined by the
minimum value of working capacitance required for sta-
bility and the maximum voltage ripple allowed on PVDD
in the application. Working capacitance refers to the avail-
able capacitance after derating the capacitor value for
DC bias, temperature, and aging. Do not use any com-
ponent with a working capacitance less than 6.8
µF. This
corresponds to a 10
µF/16V capacitor or a 10µF/10V
capacitor.
Do not use above 22
µF capacitance as it will reduce the
boost converter response time to large output current
transients.
Equation 3 shows the relationship between the boost
capacitance, C, to load current, load voltage, ripple voltage,
input voltage, and switching frequency (IPVDD, PVDD,
∆V, VBAT, and fBOOST respectively).
Insert the maximum allowed ripple voltage into Equation
3 and solve for C. The 1.5 multiplier accounts for capaci-
tance loss due to applied dc voltage and temperature for
X5R and X7R ceramic capacitors.
Short Circuit Auto-recovery
When a short circuit event happens, the APA2018 goes to
low duty cycle mode and tries to reactivate itself every 1.8
seconds. The auto-recovery will continue until the short
circuit event stops. This feature protects the device with-
out affecting the device's long term reliability.
(
)
PVDD
V
VBAT
PVDD
I
5
.
1
C
BOOST
PVDD
×
∫
×
∆
−
×
×
=
The over-temperature circuit limits the junction tempera-
ture of the APA2018. When the junction temperature ex-
ceeds T
J = +170
oC, a thermal sensor turns off the output
buffer, allowing the devices to cool. The thermal sensor
allows the amplifier to start-up after the junction tempera-
ture down about 140 oC. The thermal protection designed
with a 30oC hysteresis lowers the average T
J during con-
tinuous thermal overload conditions, increasing lifetime
of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com