Electronic Components Datasheet Search
  English  ▼

X  

APA2018 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2018
Description  3.6W Constant Output Power Class-D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2018 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2018 Datasheet HTML 1Page - Anpec Electronics Coropration APA2018 Datasheet HTML 2Page - Anpec Electronics Coropration APA2018 Datasheet HTML 3Page - Anpec Electronics Coropration APA2018 Datasheet HTML 4Page - Anpec Electronics Coropration APA2018 Datasheet HTML 5Page - Anpec Electronics Coropration APA2018 Datasheet HTML 6Page - Anpec Electronics Coropration APA2018 Datasheet HTML 7Page - Anpec Electronics Coropration APA2018 Datasheet HTML 8Page - Anpec Electronics Coropration APA2018 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Apr., 2016
APA2018
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
WLCSP1.5x2-12
PVDD
(A1)
OUT-
(C1)
EN
(C2)
OUT+
(B1)
NC
(B2)
SW
(A2)
Top View
IN+
(C3)
VBAT
(B3)
BGND
(A3)
PGND
(D1)
AGND
(D2)
IN-
(D3)
NC 2
APA2018
VBAT 1
IN+ 3
IN- 4
12 PVDD
11 OUT+
10 PGND
9 OUT-
TQFN4x4-16
(Top View)
APA2018
Package Code
Operating Ambient Temperature Range
I : -40 to 85
o
C
Handling Code
Lead Free Code
Lead Free Code
Handling Code
Temperature Range
Package Code
APA2018 HA :
A18
X
X - Date Code
G : Halogen and Lead Free Device
HA : WLCSP1.5x2-12
TR : Tape & Reel
APA2018 QB :
APA2018
XXXXX
XXXXX - Date Code
QB : TQFN4x4-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com