Electronic Components Datasheet Search
  English  ▼

X  

APA2018 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA2018
Description  3.6W Constant Output Power Class-D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2018 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA2018 Datasheet HTML 1Page - Anpec Electronics Coropration APA2018 Datasheet HTML 2Page - Anpec Electronics Coropration APA2018 Datasheet HTML 3Page - Anpec Electronics Coropration APA2018 Datasheet HTML 4Page - Anpec Electronics Coropration APA2018 Datasheet HTML 5Page - Anpec Electronics Coropration APA2018 Datasheet HTML 6Page - Anpec Electronics Coropration APA2018 Datasheet HTML 7Page - Anpec Electronics Coropration APA2018 Datasheet HTML 8Page - Anpec Electronics Coropration APA2018 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Apr., 2016
APA2018
www.anpec.com.tw
3
Absolute Maximum Ratings (Note 1)
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability
Sym bol
Param eter
Rating
Unit
V
BAT
Supply Voltage (VBAT to GND)
-0.3 to 6
Input Voltage (IN+, IN- to GND)
-0.3 to V
BAT +0.3
Input Voltage (EN to GND)
-0.3 to V
BAT +0.3
V
T
J
Maximum Junction Temperature
150
T
STG
Storage Temperature Range
-65 to +150
T
SDR
Maximum Soldering Temperature Range, 10 Seconds
260
οC
P
D
Pow er Dissipation
Internally Limited
W
Thermal Characteristics (Note 2,3)
Symbol
Parameter
Value
Unit
θJA
Thermal Resistance -Junction to Ambient
(Note2)
WLCSP1.5x2-12
TQFN4x4-16
97
60
θ
JC
Thermal Resistance -Junction to Case
(Note3)
WLCSP1.5x2-12
TQFN4x4-16
36
12
οC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Note 3: The case temperature is measured at the center of the PGND PIN on the underside of the WLCSP1.53x1.98-12 and TQFN4x4-
16 package.
Range
Symbol
Parameter
Min.
Max.
Unit
VBAT
Supply Voltage
3
5.2
VIH
High Level Threshold Voltage
EN
1.3
-
VIL
Low Level Threshold Voltage
EN
-
0.6
VICM
Common Mode Input Voltage
1
VDD-1
V
TA
Ambient Temperature Range
-40
85
TJ
Junction Temperature Range
-40
150
οC
RL
Speaker Resistance,
4
-
Ω
Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com