Electronic Components Datasheet Search
  English  ▼

X  

APA2621 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APA2621
Description  15W Stereo Class-D Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2621 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA2621 Datasheet HTML 9Page - Anpec Electronics Coropration APA2621 Datasheet HTML 10Page - Anpec Electronics Coropration APA2621 Datasheet HTML 11Page - Anpec Electronics Coropration APA2621 Datasheet HTML 12Page - Anpec Electronics Coropration APA2621 Datasheet HTML 13Page - Anpec Electronics Coropration APA2621 Datasheet HTML 14Page - Anpec Electronics Coropration APA2621 Datasheet HTML 15Page - Anpec Electronics Coropration APA2621 Datasheet HTML 16Page - Anpec Electronics Coropration APA2621 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - May., 2017
www.anpec.com.tw
13
APA2621
Function Description
Class-D Operation
Figure1. The APA2621 Output Waveform
The APA2621 uses a modulation scheme that allows
operation without the classic LC reconstruction filter when
the amp is driving an inductive load. Each output is switch-
ing from 0 volts to the supply voltage. The V
OUTP and VOUTN
are in phase with each other with no input so that there is
little or no current in the speaker. The duty cycle of V
OUTP is
greater than 50% and V
OUTN is less than 50% for positive
output voltages. The duty cycle of V
OUTP is less than 50%
and V
OUTN is greater than 50% for negative output voltages.
The voltage across the load sits at 0V throughout most of
the switching period,
Gain Setting Operation
The APA2621
’s gain can be set by GAIN0, GAIN1. The
detail gain setting value is list at table 1.
Shutdown Operation
In order to reduce power consumption while not in use,
the APA2621 contains a shutdown function to externally
turn off the amplifier bias circuitry. This shutdown feature
turns the amplifier off when logic low is placed on the SD
pin for APA2621. The trigger point between a logic high
and logic low level is typically 2.2V. It is best to switch
between ground and the supply voltage VDD to provide
maximum device performance. By switching the SD pin
to low level, the amplifier enters a low-consumption- cur-
rent state, IDD for APA2621 is in shutdown mode. On
normal operating, APA2621
’s SD pin should pull to high
level to keeping the IC out of the shutdown mode. The SD
pin should be tied to a definite voltage to avoid unwanted
state changes.
Gain1
Gain0
Gain
Input Impedance
0
0
20
60k
Ω
0
1
26
30k
Ω
1
0
32
15k
Ω
1
1
36
9k
Ω
Table 1 : The Gain Setting
VOUTP
VOUTN
VOUT
(VOUTP-VOUTN)
IOUT
Output = 0
Output > 0
Output < 0
VOUTP
VOUTN
VOUT
(VOUTP-VOUTN)
IOUT
VOUTP
VOUTN
VOUT
(VOUTP-VOUTN)
IOUT
reducing the switching current, which reduces any I2R
losses in the load.
Power Limit Operation
The voltage at pin 10 can used to limit the power to levels
below that which is possible based on the supply rail.
Add a resistor divider from Vclamp to ground to set the
voltage at the PLIMIT pin. An external reference may also
be used if tighter tolerance is required. Also add a 1
µF
capacitor from pin 10 to ground.
The PLIMIT circuit sets a limit on the output peak-to-peak
voltage. The limiting is done by limiting the duty cycle to
fixed maximum value. This limit can be thought of as a
“virtual” voltage rail which is lower than the supply con-
nected to PVDD. This
“virtual” rail is 5.6 times the voltage
at the PLIMIT pin. This output voltage can be used to
calculate the maximum output power for a given maxi-
mum input voltage and speaker impedance.
V
P = 5.6 × PLIMIT voltage if PLIMIT < 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com