Electronic Components Datasheet Search
  English  ▼

X  

APA2621 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2621
Description  15W Stereo Class-D Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2621 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2621 Datasheet HTML 1Page - Anpec Electronics Coropration APA2621 Datasheet HTML 2Page - Anpec Electronics Coropration APA2621 Datasheet HTML 3Page - Anpec Electronics Coropration APA2621 Datasheet HTML 4Page - Anpec Electronics Coropration APA2621 Datasheet HTML 5Page - Anpec Electronics Coropration APA2621 Datasheet HTML 6Page - Anpec Electronics Coropration APA2621 Datasheet HTML 7Page - Anpec Electronics Coropration APA2621 Datasheet HTML 8Page - Anpec Electronics Coropration APA2621 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - May., 2017
www.anpec.com.tw
2
APA2621
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
APA2621
Package Code
R: TSSOP-28P
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
Assembly Material
Handling Code
Temperature Range
Package Code
APA2621 R:
XXXXX - Date Code
G : Halogen and Lead Free Device
APA2621
XXXXX
QA: QFN4x4-28B
APA2621 QA:
XXXXX - Date Code
APA2621
XXXXX
LINP 3
LINN 4
VCLAMP 9
AGND 8
GAIN0 5
PLIMIT 10
RINN 11
FREQ 13
APA2621
TSSOP-28P
15 RPVDD
16 RPVDD
SD 1
FLAG 2
17 RBSP
18 ROUTP
21 RBSN
19 PGND
20 ROUTN
22 LBSN
23 LOUTN
24 PGND
25 LOUTP
GAIN1 6
AVDD 7
MONO 14
RINP 12
26 LBSP
27 LPVDD
28 LPVDD
APA2621
QFN4x4-28B
LOUTP 1
LBSP 2
LPVDD 3
SD 4
FLAG 5
LINP 6
LINN 7
15 RINN
16 RINP
17 FREQ
18 MONO
19 RPVDD
20 RBSP
21 ROUTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com