Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P481 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # ACPL-P481
Description  Inverted Logic, High CMR Optocoupler for Intelligent Power Modules and IGBT/MOSFET Gate Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P481 Datasheet(HTML) 4 Page - Broadcom Corporation.

  ACPL-P481 Datasheet HTML 1Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 2Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 3Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 4Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 5Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Broadcom
- 4 -
ACPL-P481 and ACPL-W481
Data Sheet
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics (ACPL-P481/W481 Option 060)
Insulation and Safety Related Specifications
Description
Symbol
ACPL-P481
ACPL-W481
Unit
Installation Classification per DIN VDE 0110/39, Table 1
for rated mains voltage ≤ 150VRMS
for rated mains voltage ≤ 300VRMS
for rated mains voltage ≤ 600VRMS
I– IV
I – IV
I – III
I – IV
I – IV
I – IV
Climatic Classification
55/100/21
55/100/21
Pollution Degree (DIN VDE 0110/39)
2
2
Maximum Working Insulation Voltage
VIORM
891
1140
Vpeak
Input to Output Test Voltage, Method ba
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
Partial Discharge < 5 pC
a.
Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under the Product Safety Regulations section, (IEC/EN/DIN EN
60747-5-5), for a detailed description of Method a and Method b partial discharge test profiles.
VPR
1670
2137
Vpeak
Input to Output Test Voltage, Method aa
VIORM x 1.6=VPR, Type and Sample Test, tm = 10 sec,
Partial Discharge < 5 pC
VPR
1426
1824
Vpeak
Highest Allowable Overvoltage
(Transient Overvoltage tini = 60 sec)
VIOTM
6000
8000
Vpeak
Safety-limiting Values – maximum values allowed in the event of a failure
Case Temperature
TS
175
175
°C
Input Current
IS, INPUT
230
230
mA
Output Power
PS, OUTPUT
600
600
mW
Insulation Resistance at TS, VIO = 500V
RS
>109
>109
Ω
Parameter
Symbol
ACPL-P481
ACPL-W481
Unit
Condition
Minimum External Air Gap
(External Clearance)
L(101)
7.0
8.0
mm
Measured from input terminals to output
terminals, shortest distance through air.
Minimum External
Tracking (External Creepage)
L(102)
8.0
8.0
mm
Measured from input terminals to output
terminals, shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.08
0.08
mm
Through insulation distance conductor to
conductor, usually the straight line distance
thickness between the emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
>175
>175
V
DIN IEC 112/VDE 0303 Part 1.
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com