Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P481 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # ACPL-P481
Description  Inverted Logic, High CMR Optocoupler for Intelligent Power Modules and IGBT/MOSFET Gate Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P481 Datasheet(HTML) 2 Page - Broadcom Corporation.

  ACPL-P481 Datasheet HTML 1Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 2Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 3Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 4Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 5Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Broadcom
- 2 -
ACPL-P481 and ACPL-W481
Data Sheet
Ordering Information
ACPL-P481/W481 is UL recognized with 3750/5000VRMS for 1 minute respectively per UL 1577. Both are approved under CSA
Component Acceptance Notice #5, File CA 88324.
To order, choose a part number from the part number column and combine with the desired option from the option column to
form an ordering part number.
Example 1:
ACPL-P481-560E: Stretched SO-6 Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-5 Safety
Approval and RoHS compliant.
Example 2:
ACPL-P481-000E: Stretched SO-6 Surface Mount package in tube packaging and RoHS compliant.
Option data sheets are available. Contact your Broadcom sales representative or authorized distributor for information.
Recommended Pb-Free IR Profile
The recommended reflow profile is per JEDEC Standard, J-STD-020 (latest revision). Non-halide flux should be used.
Regulatory Information
The ACPL-P481/W481 is approved by the following organizations:
IEC/EN/DIN EN 60747-5-5 (Option 060 only): Approved with Maximum Working Insulation Voltage VIORM = 891Vpeak for
ACPL-P481 and VIORM = 1140Vpeak for ACPL-W481.
UL: Approval under UL 1577, component recognition program up to VISO = 3750VRMS (5000VRMS for ACPL-W481). File E55361.
CSA: Approval under CSA Component Acceptance Notice #5, File CA 88324.
Part Number
Option
Package
Surface Mount
Tape and Reel
IEC/EN/DIN EN
60747-5-5
Quantity
RoHS Compliant
ACPL-P481
ACPL-W481
-000E
Stretched
SO-6
X
100 per tube
-500E
X
X
100 per tube
-060E
X
X
100 per tube
-560E
X
X
X
100 per tube



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com