Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P481 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # ACPL-P481
Description  Inverted Logic, High CMR Optocoupler for Intelligent Power Modules and IGBT/MOSFET Gate Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P481 Datasheet(HTML) 1 Page - Broadcom Corporation.

  ACPL-P481 Datasheet HTML 1Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 2Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 3Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 4Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 5Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P481 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Broadcom
- 1 -
Description
The high-speed ACPL-P481/W481 optocoupler contains a
GaAsP LED, a photo detector, and a Schmitt trigger that
eliminates the requirement for external waveform
conditioning circuits.
The totem pole output eliminates the requirement for a pull-up
resistor. An Intelligent Power Module, Power MOSFET, or IGBT
can be driven directly.
Propagation delay difference between devices has been
minimized to maximize inverter efficiency through reduced
switching dead time.
Applications
IPM Interface Isolation
Isolated IGBT/MOSFET Gate Drive
AC and Brushless DC Motor Drives
Industrial Inverters
General Digital Isolation
Functional Diagram
Note: A 0.1 μF bypass capacitor must be connected between
pins 4 and 6.
Truth Table (Inverting Logic)
Features
Inverted output type (totem pole output)
Performance Specified for Common IPM Applications Over
Industrial Temperature Range
Short Maximum Propagation Delays
Minimized Pulse Width Distortion (PWD)
Very High Common Mode Rejection (CMR)
Hysteresis
Available in Stretched SO-6 Package.
Package Clearance/Creepage at 8 mm (ACPL-W481)
Safety Approval: (pending)
—
UL Recognized with 3750VRMS (5000VRMS for
ACPL-W481) for 1 minute per UL1577.
—
CSA Approved.
—
IEC/EN/DIN EN 60747-5-5 Approved with VIORM =
891Vpeak for ACPL-P481 and VIORM = 1140Vpeak for
ACPL-W481, under option 060.
Specifications
Wide Operating Temperature Range: –40°C to 100°C
Maximum Propagation Delay tPHL/tPLH = 350 ns
Maximum Pulse Width Distortion (PWD) = 250 ns
Propagation Delay Difference: Min. –100 ns, Max. 250 ns
Wide Operating VCC Range: 4.5V to 20V
20 kV/μs Minimum Common Mode Rejection (CMR) at VCM
= 1000V
CAUTION
It is advised that normal static precautions be
taken in handling and assembly of this
component to prevent damage and/or
degradation which may be induced by ESD.
LED
V0
On
LOW
OFF
HIGH
Ground
VCC
Anode
N.C.
Cathode
VO
6
1
5
2
4
3
SHIELD
ACPL-P481 and ACPL-W481
Inverted Logic, High CMR Optocoupler for Intelligent
Power Modules and IGBT/MOSFET Gate Drive
Data Sheet


Similar Part No. - ACPL-P481

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P481 AVAGO-ACPL-P481 Datasheet
230Kb / 9P
Inverted Logic, High CMR Optocoupler for Intelligent Power Modules and IGBT/MOSFET Gate Drive
More results

Similar Description - ACPL-P481

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-4800 AVAGO-ACPL-4800 Datasheet
294Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-W484-000E AVAGO-ACPL-W484-000E Datasheet
237Kb / 12P
Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480-500E AVAGO-ACPL-P480-500E Datasheet
403Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-4800-000E AVAGO-ACPL-4800-000E Datasheet
233Kb / 10P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P481 AVAGO-ACPL-P481 Datasheet
230Kb / 9P
Inverted Logic, High CMR Optocoupler for Intelligent Power Modules and IGBT/MOSFET Gate Drive
logo
Broadcom Corporation.
ACPL-M483 BOARDCOM-ACPL-M483 Datasheet
676Kb / 13P
Inverted Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-M484 BOARDCOM-ACPL-M484 Datasheet
787Kb / 13P
Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P456 BOARDCOM-ACPL-P456 Datasheet
464Kb / 14P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480 BOARDCOM-ACPL-P480 Datasheet
641Kb / 11P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACNU-4803 BOARDCOM-ACNU-4803 Datasheet
1Mb / 11P
Inverted Logic High CMR Intelligent Power Module (IPM) and Gate Drive Interface Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com