Electronic Components Datasheet Search
  English  ▼

X  

24C01 Datasheet(PDF) 12 Page - Integrated Silicon Solution, Inc

Part # 24C01
Description  1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

24C01 Datasheet(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button 24C01 Datasheet HTML 8Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 9Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 10Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 11Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 12Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 13Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 14Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 15Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 16Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. D
06/25/02
IS24C01
IS24C02
IS24C04
IS24C08
IS24C16
ISSI®
AC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Automotive (T
A = –40°C to +125°C)
2.7V-5.5V
4.5V-5.5V
Symbol Parameter
Test Conditions
Min.
Max.
Min. Max.
Unit
fSCL
SCL Clock Frequency
0
100
0
400
KHz
T
Noise Suppression Time(1)
—
100
—
50
ns
tLOW
Clock LOW Period
4.7
—
1.2
—
µs
tHIGH
Clock HIGH Period
4
—
0.6
—
µs
tBUF
Bus Free Time Before New Transmission(1)
4.7
—
1.2
—
µs
tSU:STA
Start Condition Setup Time
4.7
—
0.6
—
µs
tSU:STO
Stop Condition Setup Time
4.7
—
0.6
—
µs
tHD:STA
Start Condition Hold Time
4
—
0.6
—
µs
tHD:STO
Stop Condition Hold Time
4
—
0.6
—
µs
tSU:DAT
Data In Setup Time
200
—
100
—
ns
tHD:DAT
Data In Hold Time
0
—
0
—
ns
tDH
Data Out Hold Time
SCL LOW to SDA Data Out Change
100
—
50
—
ns
tAA
Clock to Output
SCL LOW to SDA Data Out Valid
0.1
4.5
0.1
0.9
µs
tR
SCL and SDA Rise Time(1)
—
1000
—
300
ns
tF
SCL and SDA Fall Time(1)
—
300
—
300
ns
tWR
Write Cycle Time
—
10
—
10
ms
Note:
1. This parameter is characterized but not 100% tested.
2. Automotive data is preliminary.
AC ELECTRICAL CHARACTERISTICS (Over Operating Rnage)
Commercial (T
A = 0°C to +70°C)
Industrial (T
A = –40°C to +85°C)
1.8V-5.5V
2.5V-5.5V
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Unit
fSCL
SCL Clock Frequency
0
100
0
400
KHz
T
Noise Suppression Time(1)
—
100
—
50
ns
tLOW
Clock LOW Period
4.7
—
1.2
—
µs
tHIGH
Clock HIGH Period
4
—
0.6
—
µs
tBUF
Bus Free Time Before New Transmission(1)
4.7
—
1.2
—
µs
tSU:STA
Start Condition Setup Time
4.7
—
0.6
—
µs
tSU:STO
Stop Condition Setup Time
4.7
—
0.6
—
µs
tHD:STA
Start Condition Hold Time
4
—
0.6
—
µs
tHD:STO
Stop Condition Hold Time
4
—
0.6
—
µs
tSU:DAT
Data In Setup Time
200
—
100
—
ns
tHD:DAT
Data In Hold Time
0
—
0
—
ns
tDH
Data Out Hold Time
SCL LOW to SDA Data Out Change
100
—
50
—
ns
tAA
Clock to Output
SCL LOW to SDA Data Out Valid
0.1
4.5
0.1
0.9
µs
tR
SCL and SDA Rise Time(1)
—
1000
—
300
ns
tF
SCL and SDA Fall Time(1)
—
300
—
300
ns
tWR
Write Cycle Time
—
10
—
5
ms
Note:
1. This parameter is characterized but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com