Electronic Components Datasheet Search
  English  ▼

X  

24C01 Datasheet(PDF) 14 Page - Integrated Silicon Solution, Inc

Part # 24C01
Description  1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

24C01 Datasheet(HTML) 14 Page - Integrated Silicon Solution, Inc

Back Button 24C01 Datasheet HTML 8Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 9Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 10Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 11Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 12Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 13Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 14Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 15Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 16Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. D
06/25/02
IS24C01
IS24C02
IS24C04
IS24C08
IS24C16
ISSI®
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Voltage
Frequency Range
Part Number
Package
100 KHz
1.8V
IS24C01-2P
300-mil Plastic DIP
to 5.5V
IS24C01-2G
Small Outline (JEDEC STD)
IS24C01-2S
MSOP
IS24C01-2Z
TSSOP
100 KHz
1.8V
IS24C02-2P
300-mil Plastic DIP
to 5.5V
IS24C02-2G
Small Outline (JEDEC STD)
IS24C02-2S
MSOP
IS24C02-2Z
TSSOP
100 KHz
1.8V
IS24C04-2P
300-mil Plastic DIP
to 5.5V
IS24C04-2G
Small Outline (JEDEC STD)
IS24C04-2Z
TSSOP
100 KHz
1.8V
IS24C08-2P
300-mil Plastic DIP
to 5.5V
IS24C08-2G
Small Outline (JEDEC STD)
IS24C08-2Z
TSSOP
100 KHz
1.8V
IS24C16-2P
300-mil Plastic DIP
to 5.5V
IS24C16-2G
Small Outline (JEDEC STD)
400 KHz
2.5V
IS24C01-3P
300-mil Plastic DIP
to 5.5V
IS24C01-3G
Small Outline (JEDEC STD)
IS24C01-3S
MSOP
IS24C01-3Z
TSSOP
400 KHz
2.5V
IS24C02-3P
300-mil Plastic DIP
to 5.5V
IS24C02-3G
Small Outline (JEDEC STD)
IS24C02-3S
MSOP
IS24C02-3Z
TSSOP
400 KHz
2.5V
IS24C04-3P
300-mil Plastic DIP
to 5.5V
IS24C04-3G
Small Outline (JEDEC STD)
IS24C04-3Z
TSSOP
400 KHz
2.5V
IS24C08-3P
300-mil Plastic DIP
to 5.5V
IS24C08-3G
Small Outline (JEDEC STD)
IS24C08-3Z
TSSOP
400 KHz
2.5V
IS24C16-3P
300-mil Plastic DIP
to 5.5V
IS24C16-3G
Small Outline (JEDEC STD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com