Electronic Components Datasheet Search
  English  ▼

X  

24C01 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # 24C01
Description  1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

24C01 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button 24C01 Datasheet HTML 6Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 7Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 8Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 9Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 10Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 11Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 12Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 13Page - Integrated Silicon Solution, Inc 24C01 Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. D
06/25/02
IS24C01
IS24C02
IS24C04
IS24C08
IS24C16
ISSI®
OPERATING RANGE
(IS24C01-5, IS24C02-5, IS24C04-5 IS24C08-5, & IS24C16-5)
Range
Ambient Temperature
VCC
Auromotive
–40°C to +125°C
4.5V to 5.5V
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VS
Supply Voltage
0.5 to +6.25
V
VP
Voltage on Any Pin
–0.5 to Vcc + 0.5
V
TBIAS
Temperature Under Bias
–40 to +85
°C
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Output Current
5
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
OPERATING RANGE
(IS24C01-2, IS24C02-2, IS24C04-2 IS24C08-2, & IS24C16-2)
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
1.8V to 5.5V
Industrial
–40°C to +85°C
1.8V to 5.5V
OPERATING RANGE
(IS24C01-3, IS24C02-3, IS24C04-3, IS24C08-3, & IS24C16-3)
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
2.5V to 5.5V
Industrial
–40°C to +85°C
2.5V to 5.5V
Automotive
–40°C to +125°C
2.7V to 5.5V
Note: Automotive data is preliminary
.
Note: Automotive data is preliminary
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com