Electronic Components Datasheet Search
  English  ▼

X  

APX9322 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APX9322
Description  Three-Phase Full-wave Sine-wave Brushless Motor Driv
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9322 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APX9322 Datasheet HTML 9Page - Anpec Electronics Coropration APX9322 Datasheet HTML 10Page - Anpec Electronics Coropration APX9322 Datasheet HTML 11Page - Anpec Electronics Coropration APX9322 Datasheet HTML 12Page - Anpec Electronics Coropration APX9322 Datasheet HTML 13Page - Anpec Electronics Coropration APX9322 Datasheet HTML 14Page - Anpec Electronics Coropration APX9322 Datasheet HTML 15Page - Anpec Electronics Coropration APX9322 Datasheet HTML 16Page - Anpec Electronics Coropration APX9322 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Apr., 2018
www.anpec.com.tw
13
APX9322
Lead Angle Control
The APX9322 built in automatic lead angle controlled by the duty variation of PWM. The maximum lead angle can be
adjusted between 0o to 58o in 32 separate steps according to the input voltage of LA pin, which works with 0V to V
5VREG.
The lead angle control range is 0
o
to the maximum value set by LA input for PWM duty 0% to 100%.
4V
Lead Angle
58°
VLA
1V
V5VREG
0V
0
°
100%
Lead Angle
58
°
Duty
29°
VLA=4V~V5VREG
=2.5V
=0~1V
0%
0
°
VLA
VLA
Figure4: Lead Angle Control
Function Descriptions (Cont.)
SEL Control
The APX9322 also support FG, 1/2FG, 1/3FG or RD Output.
SEL Pin Input Voltage
SO Output
Modulation pattern
0V ~ 1.6V
FG
shift pattern
1.6V ~ 2.2V
RD
shift pattern
2.2V ~ 2.8V
1/2FG
shift pattern
2.8V ~ 3.4V
1/3FG
shift pattern
3.4V ~ 5V
FG
original pattern
Table 1: SEL Pin Definition
Modulation original pattern
Modulation shift pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com