Electronic Components Datasheet Search
  English  ▼

X  

APX9322 Datasheet(PDF) 20 Page - Anpec Electronics Coropration

Part # APX9322
Description  Three-Phase Full-wave Sine-wave Brushless Motor Driv
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9322 Datasheet(HTML) 20 Page - Anpec Electronics Coropration

Back Button APX9322 Datasheet HTML 16Page - Anpec Electronics Coropration APX9322 Datasheet HTML 17Page - Anpec Electronics Coropration APX9322 Datasheet HTML 18Page - Anpec Electronics Coropration APX9322 Datasheet HTML 19Page - Anpec Electronics Coropration APX9322 Datasheet HTML 20Page - Anpec Electronics Coropration APX9322 Datasheet HTML 21Page - Anpec Electronics Coropration APX9322 Datasheet HTML 22Page - Anpec Electronics Coropration APX9322 Datasheet HTML 23Page - Anpec Electronics Coropration APX9322 Datasheet HTML 24Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Apr., 2018
www.anpec.com.tw
20
APX9322
Application Information (Cont.)
V
CC=12V, CCT=1µF
V
CTL=1V, VCTH=3V, ICT1=2µA, ICT2=0.2µA
Locked Detection Time = 1.4s
Restart Time = 1s
Shutdown Time= 10s
The value of C
CT must be considered with soft start up result.
For example:
Locked Detection Time =
Restart Time=
Shutdown Time=
(
)
I
V
C
CT1
CTH
CT
0.2V
−
×
(
)
I
V
V
C
CT1
CTL
CTH
CT
−
×
(
)
I
V
V
C
CT2
CTL
CTH
CT
−
×
CT Capacitor
The capacitor that is connected from CT pin to GND determines the shutdown time and restart time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com