Electronic Components Datasheet Search
  English  ▼

X  

APX9322 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APX9322
Description  Three-Phase Full-wave Sine-wave Brushless Motor Driv
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9322 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APX9322 Datasheet HTML 1Page - Anpec Electronics Coropration APX9322 Datasheet HTML 2Page - Anpec Electronics Coropration APX9322 Datasheet HTML 3Page - Anpec Electronics Coropration APX9322 Datasheet HTML 4Page - Anpec Electronics Coropration APX9322 Datasheet HTML 5Page - Anpec Electronics Coropration APX9322 Datasheet HTML 6Page - Anpec Electronics Coropration APX9322 Datasheet HTML 7Page - Anpec Electronics Coropration APX9322 Datasheet HTML 8Page - Anpec Electronics Coropration APX9322 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Apr., 2018
www.anpec.com.tw
2
APX9322
S ymbol
Pa ram ete r
Ra tings
Unit
VCC
VCC P in Supp ly Voltage (V CC to S GND)
-0.3 to 1 8
V
IOUT
UO , VO , WO Pin Maximum Output Peak Curre nt
4
A
VUO, V VO, V WO
UO , VO a nd WO Pins Output Vo ltag e
V PG ND-0 .3 to VCC
V
V
LA
LA P ins Inp ut Voltage (LA to S GND)
-0.3 to 7
V
VSET
SET P ins Inp ut Voltage (S ET to SGND)
-0.3 to 7
V
I5VREG
5VREG P in Output Source Curre nt
20
mA
VSP1
SP1 P in Inp ut Voltage (SP 1 to SG ND)
-0.3 to 7
V
VSP2
SP2 P in Inp ut Voltage (SP 2 to SG ND)
-0.3 to 7
V
VMIN
MIN Pin Input Vo lta ge (MIN to SG ND)
-0.3 to 7
V
V
VSD
VSD Pin Input Vo lta ge (VSD to S GND)
-0.3 to 7
V
V VLIM
VLIM P in inpu t Volta ge (VLIM to SG ND)
-0.3 to 7
V
VSEL
SEL Pins Input Vo ltag e(SE L to SGND)
-0.3 to 7
V
VSO
SO Pin O utput Voltage
-0.3 to 1 8
V
ISO
SO Pin Maximum Output Sink Current
10
mA
VPWM
PWM P in In put Voltage (P WM to SGND)
-0 .3 to VCC
V
V FR
FR Pin Inpu t Volta ge (FR to SGND)
-0.3 to 7
V
T
J
Ma xim um Junction Tempera tu re
15 0
o C
TSTG
Sto rage Temperature
-65 to 150
o C
TSDR
Ma xim um Le ad So lderin g Tempe ratu re, 1 0 S econd s
26 0
o C
Sym bol
P aram eter
Typical Value
Unit
θJA
Ther mal Re sistance-Junction to Ambi ent ( No te 3)
Q FN4 x4- 24A
50
oC/W
θJC
Ther mal Re sistance-Junction to Ca se (Note 4)
Q FN4 x4- 24A
20
oC/W
P D
P owe r Dissipa tion , TA=25
o C
2.5
W
Absolute Maximum Ratings (Note 2)
Note 2: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute ma-
ximum rating conditions for extended periods may affect device reliability.
Thermal Characteristics
Note 3:
θ
JA
is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of QFN4x4-24A is soldered directly on the PCB.
Note 4: The case temperature is measured at the center on the top of the QFN4x4-24A package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com