Electronic Components Datasheet Search
  English  ▼

X  

SY89322V Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89322V
Description  LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89322V Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89322V Datasheet HTML 1Page - Micrel Semiconductor SY89322V Datasheet HTML 2Page - Micrel Semiconductor SY89322V Datasheet HTML 3Page - Micrel Semiconductor SY89322V Datasheet HTML 4Page - Micrel Semiconductor SY89322V Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SY89322V
Micrel
DESCRIPTION
s 3.3V and 5V power supply option
s 300ps typical propagation delay
s Differential LVPECL outputs
s PNP LVTTL inputs for minimal loading
s Flow-through pinouts
s Q outputs will default HIGH with inputs open
s Max. frequency range 800MHz
s Available in ultra-small 8-pin MLF™ (2mm x 2mm)
package
FEATURES
Precision Edge™
SY89322V
Rev.: A
Amendment: /0
Issue Date:
August 2003
The SY89322V is a dual TTL/CMOS-to-differential PECL
translator capable of running from a 3.3V or 5V supply.
This part can be used in either LVTTL/LVCMOS/LVPECL
or TTL/CMOS/PECL systems.
It requires only a single positive supply of +3.3V or +5V,
no negative supply is required.
The SY89322V is functionally equivalent to the
SY100EPT22V, but in an ultra-small 8-lead MLF™ package
that features a 70% smaller footprint. The ultra-small
package and the low skew, dual gate design of the
SY89322V makes it ideal for those applications where space,
performance and low power are at a premium.
Precision Edge™
Precision Edge is a trademark of Micrel, Inc.
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
3.3V/5V DUAL
LVTTL/LVCMOS-to-DIFFERENTIAL
LVPECL TRANSLATOR
BLOCK DIAGRAM
Q0
/Q0
INO
LVTTL
LVPECL
Q1
/Q1
INI


Similar Part No. - SY89322V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
468Kb / 5P
3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY89322V MICREL-SY89322V Datasheet
47Kb / 5P
3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
logo
Microchip Technology
SY89322V MICROCHIP-SY89322V Datasheet
491Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
August 2007
logo
Micrel Semiconductor
SY89322VMGTR MICREL-SY89322VMGTR Datasheet
468Kb / 5P
3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY89322VMGTR MICREL-SY89322VMGTR Datasheet
47Kb / 5P
3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
More results

Similar Description - SY89322V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
64Kb / 4P
LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 1.0
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
Potato Semiconductor Co...
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com