Electronic Components Datasheet Search
  English  ▼

X  

SY89322V Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89322V
Description  LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89322V Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89322V Datasheet HTML 1Page - Micrel Semiconductor SY89322V Datasheet HTML 2Page - Micrel Semiconductor SY89322V Datasheet HTML 3Page - Micrel Semiconductor SY89322V Datasheet HTML 4Page - Micrel Semiconductor SY89322V Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY89322V
Micrel
Absolute Maximum Ratings(Note 1)
Supply Voltage (V
CC) .................................. –0.5V to +6.0V
Input Voltage (V
IN) ......................................... –0.5V to VCC
LVPECL Output Current (I
OUT)
Continuous ............................................................. 50mA
Surge .................................................................... 100mA
Input Current
Source or sink current on IN, /IN ..........................
±50mA
Lead Temperature (soldering, 10 sec.) ................... +220
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(Note 2)
Supply Voltage (V
CC) .................................. +3.0V to +3.6V
............................................................ +4.5V to +5.5V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance, Note 3
MLF™ (
θ
JA)
Still-Air ................................................................. 93
°C/W
500lfpm ............................................................... 87
°C/W
MLF™ (
Ψ
JB)
Junction-to-Board ................................................ 60
°C/W
T
A = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CC
Power Supply Voltage
3.0
3.6
V
4.5
5.5
V
I
CC
Power Supply Current
25
mA
DC ELECTRICAL CHARACTERISTICS
V
CC = +3.3V ±10% or +5.0V ±10%; TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
2.0
V
V
IL
Input LOW Voltage
0.8
V
I
IH
Input HIGH Current
V
IN = 2.7V
20
µA
V
IN = VCC
100
µA
I
IL
Input LOW Current
V
IN = 0.5V
–0.2
mA
V
IK
Input Clamp Voltage
I
IN = –18mA
–1.2
V
TTL DC ELECTRICAL CHARACTERISTICS
Note 1.
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation
is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM
RATlNG conditions for extended periods may affect device reliability.
Note 2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
Note 3.
Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
V
CC = +3.3V ±10% or +5V ±10%; RL = 50Ω to VCC–2V; TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OH
Output HIGH
V
CC–1.080
V
CC–0.880
V
V
OL
Output LOW Voltage
V
CC–1.83
V
CC–1.550
V
PECL DC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com