Electronic Components Datasheet Search
  English  ▼

X  

SY89322V Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89322V
Description  LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89322V Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89322V Datasheet HTML 1Page - Micrel Semiconductor SY89322V Datasheet HTML 2Page - Micrel Semiconductor SY89322V Datasheet HTML 3Page - Micrel Semiconductor SY89322V Datasheet HTML 4Page - Micrel Semiconductor SY89322V Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY89322V
Micrel
V
CC = +3.3V ±10% or +5.0V ±10%; RL = 50Ω to VCC – 2V, TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
f
MAX
Maximum Toggle Frequency
800
MHz
tPD
Propagation Delay
IN-to-Q
100
600
ps
t
SKEW
Within-Device Skew
Note 4
100
ps
Part-to-Part Jitter
Note 4
500
ps
t
Jitter
Cycle-to-Cycle Jitter
Note 5
2
ps(rms)
Total Jitter
Note 6
25
ps(pk-pk)
t
r, tf
Output Rise/Fall Time (20% to 80%)
200
500
ps
Note 4.
Same transition at common V
CC levels.
Note 5.
Cycle-to-cycle jitter definition: The variation of periods between adjacent cycles, T
n – Tn–1,where T is the time between rising edges of the
output signal.
Note 6.
Total jitter definition: with an ideal clock input of frequency
≤ f
MAX, no more than one output edge in 10
12 output edge will deviate by more than
the specified peak-to-peak jitter value.
AC ELECTRICAL CHARACTERISTICS
LVPECL OUTPUT INTERFACE APPLICATIONS
ZO = 50Ω
R2
R1
R1
R2
R3
R4
VCC —2V
VCC —1.3V
VCC
VCC
VCC
VCC
VCC = 3.3V; R1 = 130Ω, R2 = 82Ω, R3 = 1kΩ, R4 = 1.6kΩ,
VCC = 5V; R1 = 83Ω, R2 = 125Ω, R3 = 1kΩ, R4 = 2.8kΩ,
Figure 1c. Terminating Unused I/O
R2
R2
ZO = 50Ω
ZO = 50Ω
R1
R1
VCC —2V
VCC
VCC
VCC
VCC = 3.3V; R1 = 130Ω, R2 = 82Ω
VCC = 5V; R1 = 83Ω, R2 = 125Ω
Figure 1a. Parallel Thevenin-
Equivalent Termination
ZO = 50Ω
ZO = 50Ω
Rpd
50
Ω
50
Ω
C (Optional)
0.01
µF
VCC —2V
VCC
VCC
VCC = 3.3V; Rpd = 50Ω
VCC = 5V; Rpd = 100Ω
Figure 1b. Three Resistor
“Y Termination”



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com