Electronic Components Datasheet Search
  English  ▼

X  

TDA7419 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7419
Description  3 BAND CAR AUDIO PROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7419 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7419 Datasheet HTML 2Page - STMicroelectronics TDA7419 Datasheet HTML 3Page - STMicroelectronics TDA7419 Datasheet HTML 4Page - STMicroelectronics TDA7419 Datasheet HTML 5Page - STMicroelectronics TDA7419 Datasheet HTML 6Page - STMicroelectronics TDA7419 Datasheet HTML 7Page - STMicroelectronics TDA7419 Datasheet HTML 8Page - STMicroelectronics TDA7419 Datasheet HTML 9Page - STMicroelectronics TDA7419 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TDA7419
6/30
SOFT MUTE
AMUTE
Mute Attenuation
80
100
dB
TD
Delay Time
T1
0.48
1
ms
T2
0.96
2
ms
T3
70
123
170
ms
VTH Low
Low Threshold for SM Pin
1
V
VTH High
High Threshold for SM Pin
2.5
V
RPU
Internal pull-up resistor
32
45
58
k
Ω
VPU
Internal pull-up Voltage
3.3
V
BASS CONTROL
Fc
Center Frequency
fC1
54
60
66
Hz
fC2
72
80
88
Hz
fC3
90
100
110
Hz
fC4
180
200
220
Hz
QBASS
Quality Factor
Q1
0.911.1
Q2
1.11.251.4
Q3
1.3
1.5
1.7
Q4
1.822.2
CRANGE
Control Range
±14
±15
±16
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
DCGAIN
Bass-DC-Gain
DC = off
-1
0
+1
dB
DC = on (shelving filter, use for
cut only)
-4.4
dB
MIDDLE CONTROL
CRANGE
Control Range
±14
±15
±16
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fc
Center Frequency
fC1
400
500
600
Hz
fC2
0.811.2
kHz
fC3
1.2
1.5
1.8
kHz
fC4
22.5
3
kHz
QBASS
Quality Factor
Q1
0.45
0.5
0.55
Q2
0.65
0.75
0.85
Q3
0.911.1
Q4
1.11.251.4
TREBLE CONTROL
CRANGE
Clipping Level
±14
±15
±16
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fc
Center Frequency
fC1
810
12
kHz
fC2
10
12.5
15
kHz
fC3
12
15
18
kHz
fC4
14
17.5
21
kHz
Table 6. Electrical Characteristcs (continued)
VS = 8.5V; Tamb = 25°C; RL= 10kΩ ; all gains = 0dB; f = 1kHz; unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com