Electronic Components Datasheet Search
  English  ▼

X  

TDA7419 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7419
Description  3 BAND CAR AUDIO PROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7419 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7419 Datasheet HTML 1Page - STMicroelectronics TDA7419 Datasheet HTML 2Page - STMicroelectronics TDA7419 Datasheet HTML 3Page - STMicroelectronics TDA7419 Datasheet HTML 4Page - STMicroelectronics TDA7419 Datasheet HTML 5Page - STMicroelectronics TDA7419 Datasheet HTML 6Page - STMicroelectronics TDA7419 Datasheet HTML 7Page - STMicroelectronics TDA7419 Datasheet HTML 8Page - STMicroelectronics TDA7419 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TDA7419
4/30
3
Audio Processor Features:
Input Multiplexer
QD / SE: quasi-differential stereo inputs, with selectable single-ended mode
SE1: stereo single-ended input
SE2: stereo single-ended input
SE3 / AC2IN: stereo single-ended input / DSO filter input
In-Gain 0 to 15dB, 1dB steps
internal offset-cancellation (AutoZero)
separate second source-selector
Mixing stage
mixable to front speaker-outputs
Loudness
2nd order frequency response
programmable center frequency (400Hz/800Hz/2400Hz)
15dB with 1dB steps
selectable low & high frequency boost
selectable flat-mode (constant attenuation)
Volume
+15dB to -79dB with 1dB step resolution
soft-step control with programmable blend times
Bass
2nd order frequency response
center frequency programmable in 4 steps (60Hz/80Hz/100Hz/200Hz)
Q programmable 1.0/1.25/1.5/2.0
DC gain programmable
-15 to 15dB range with 1dB resolution
Middle
2nd order frequency response
center frequency programmable in 4 steps (500Hz/1KHz/1.5KHz/2.5KHz)
Q programmable 0.5/0.75/1.0/1.25
DC gain programmable
-15 to 15dB range with 1dB resolution
Treble
2nd order frequency response
center frequency programmable in 4 steps (10KHz/12.5KHz/15KHz/17.5KHz)
-15 to 15dB range with 1dB resolution
Spectrum analyzer
seven bandpass filters
2nd order frequency response
programmable Q factor for different visual appearance
analog output
controlled by external serial clock
Speaker
4 independent soft step speaker controls, +15dB to -79dB with 1dB steps
Independent programmable mix input with 50% mixing ratio for front speakers
direct mute
Subwoofer
2nd order low pass filter with programmable cut off frequency
single-ended mono output
independent soft step level control, +15dB to -79dB with 1dB steps
Mute Functions
direct mute
digitally controlled SoftMute with 3 programmable mute-times(0.48ms/0.96ms/
123ms)
Effect
gain effect, or high pass effect with fixed external components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com