Electronic Components Datasheet Search
  English  ▼

X  

TDA7419 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7419
Description  3 BAND CAR AUDIO PROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7419 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7419 Datasheet HTML 4Page - STMicroelectronics TDA7419 Datasheet HTML 5Page - STMicroelectronics TDA7419 Datasheet HTML 6Page - STMicroelectronics TDA7419 Datasheet HTML 7Page - STMicroelectronics TDA7419 Datasheet HTML 8Page - STMicroelectronics TDA7419 Datasheet HTML 9Page - STMicroelectronics TDA7419 Datasheet HTML 10Page - STMicroelectronics TDA7419 Datasheet HTML 11Page - STMicroelectronics TDA7419 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TDA7419
8/30
5
DESCRIPTION OF THE AUDIOPROCESSOR
5.1
Input stages
In the basic configuration, one stereo quasi-differential and three (two in case of DSO applications) single
ended stereo inputs are available.
5.1.1 Quasi-differential stereo Input (QD)
The QD input is implemented as a buffered quasi-differential stereo stage with 100k input-impedance at
each input. The attenuation is fixed to -3dB in order to adapt the incoming signal level.
5.1.2 Single-ended stereo input (SE1, SE2, SE3/AC2IN)
The input-impedance at each input is 100k and the attenuation is fixed to -3dB for incoming signals. The
input for SE3 is also configurable as part of the interface for external filters in DSO applications (AC2IN)
Figure 4. Input Stage
trepeat
Spectrum Analyzer Repeat Time
50
ms
tintres
Internal Reset Time
4.5
ms
GENERAL
eNO
Output Noise
BW=20Hz to 20 kHz all gain =
0dB
12
20
µV
BW=20Hz to 20 kHz Output
muted
615
µV
S/N
Signal to Noise Ratio
all gain = 0dB flat; Vo =2VRMS
100
dB
DDistortion
VIN = 1VRMS; all stages 0dB
0.01
0.1
%
SC
Channel Separation left/right
80
90
dB
Table 6. Electrical Characteristcs (continued)
VS = 8.5V; Tamb = 25°C; RL= 10kΩ ; all gains = 0dB; f = 1kHz; unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Output Stage
QD
QD_L
QD_R
QD_G
SE3
SE2
SE2_L
SE2_R
QD
SE1
SE2
SE3
Main
Source
Second
Source
In Gain
SE1
SE1_L
SE1_R
AC2IN_L/SE3L
AC2IN_R/SE3R
SE4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com