Electronic Components Datasheet Search
  English  ▼

X  

0801014 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0801014
Description  WMS shrink sleeves provide permanent and captive conductor and cable marking
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801014 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0801014 Datasheet HTML 1Page - PHOENIX CONTACT 0801014 Datasheet HTML 2Page - PHOENIX CONTACT 0801014 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.phoenixcontact.com/pi/products/0801014
09/06/2018   Page 3 / 3
Phoenix Contact 2018 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com


Similar Part No. - 0801014

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08010100 LITTELFUSE-08010100 Datasheet
287Kb / 2P
Battery switch with a metal body, interchangeable with other products currently available on the market that share a similar footprint
More results

Similar Description - 0801014

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
OD-S-1027 MA-COM-OD-S-1027 Datasheet
86Kb / 1P
digital marking and polarity symbol
ODS-1038 MA-COM-ODS-1038 Datasheet
99Kb / 1P
digital marking and polarity symbol
ODS-1134 MA-COM-ODS-1134 Datasheet
160Kb / 1P
digital marking and polarity symbol
ODS-1388 MA-COM-ODS-1388 Datasheet
35Kb / 1P
digital marking and polarity symbol
logo
PHOENIX CONTACT
CUTFOX-10 PHOENIX-CUTFOX-10 Datasheet
57Kb / 4P
Cutting machine, for cables, litz wires, and shrink sleeves, 230 V mains voltage
0803312 PHOENIX-0803312 Datasheet
51Kb / 2P
These conductor marking systems consist of marker carriers and insert labels
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
logo
WAGO Kontakttechnik Gmb...
2001-1308 WAGO-2001-1308 Datasheet
811Kb / 15P
3-conductor shield terminal block; 1.5 mm짼; side and center marking
24.11.2021
logo
Lapp.
61721866 LAPP-61721866 Datasheet
165Kb / 3P
Conductor end sleeves insulated
03.12.2020
logo
PHOENIX CONTACT
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com