Electronic Components Datasheet Search
  English  ▼

X  

0801014 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801014
Description  WMS shrink sleeves provide permanent and captive conductor and cable marking
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801014 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801014 Datasheet HTML 1Page - PHOENIX CONTACT 0801014 Datasheet HTML 2Page - PHOENIX CONTACT 0801014 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/0801014
09/06/2018   Page 1 / 3
Shrink sleeve - WMS-2 HF 4,8 (15X9)RL - 0801014
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Shrink sleeve, roll, white, unmarked, 2:1 shrink ratio, can be marked with: THERMOMARK ROLL,
THERMOMARK X.1, perforated, mounting type: threaded on
Why buy this product
 WMS ... shrink sleeves provide permanent and captive conductor and cable marking
 The sleeves are pre-assembled for optimum use of material
 The sleeves remain flexible after shrinking
 The conductor to be marked is simply threaded through the sleeve and fixed by shrinking the sleeve
 The shrink sleeves provide additional electrical insulation and mechanical protection for the conductors
 Up to four markers per sleeve are separated by perforations
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626044330
Technical data
Dimensions
Length (b)
15 mm
Width (a)
9 mm
Cable diameter
2.4 mm ... 4.8 mm
Ambient conditions
Ambient temperature (operation)
-30 °C ... 105 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in the
original packaging is recommended.
General
Color
white
Base element material
polyolefine


Similar Part No. - 0801014

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08010100 LITTELFUSE-08010100 Datasheet
287Kb / 2P
Battery switch with a metal body, interchangeable with other products currently available on the market that share a similar footprint
logo
PHOENIX CONTACT
0801011 PHOENIX-0801011 Datasheet
192Kb / 6P
WMS-2 HF 3,2 (30X5)RL - Shrink sleeve
0801012 PHOENIX-0801012 Datasheet
195Kb / 6P
WMS-2 HF 3,2 (30X5)RL YE - Shrink sleeve
0801013 PHOENIX-0801013 Datasheet
195Kb / 6P
WMS-2 HF 3,2 (60X5)RL YE - Shrink sleeve
0801015 PHOENIX-0801015 Datasheet
194Kb / 6P
WMS-2 HF 4,8 (15X9)RL YE - Shrink sleeve
More results

Similar Description - 0801014

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
OD-S-1027 MA-COM-OD-S-1027 Datasheet
86Kb / 1P
digital marking and polarity symbol
ODS-1038 MA-COM-ODS-1038 Datasheet
99Kb / 1P
digital marking and polarity symbol
ODS-1134 MA-COM-ODS-1134 Datasheet
160Kb / 1P
digital marking and polarity symbol
ODS-1388 MA-COM-ODS-1388 Datasheet
35Kb / 1P
digital marking and polarity symbol
logo
PHOENIX CONTACT
CUTFOX-10 PHOENIX-CUTFOX-10 Datasheet
57Kb / 4P
Cutting machine, for cables, litz wires, and shrink sleeves, 230 V mains voltage
0803312 PHOENIX-0803312 Datasheet
51Kb / 2P
These conductor marking systems consist of marker carriers and insert labels
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
logo
WAGO Kontakttechnik Gmb...
2001-1308 WAGO-2001-1308 Datasheet
811Kb / 15P
3-conductor shield terminal block; 1.5 mm짼; side and center marking
24.11.2021
logo
Lapp.
61721866 LAPP-61721866 Datasheet
165Kb / 3P
Conductor end sleeves insulated
03.12.2020
logo
PHOENIX CONTACT
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com