Electronic Components Datasheet Search
  English  ▼

X  

0801014 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0801014
Description  WMS shrink sleeves provide permanent and captive conductor and cable marking
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801014 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0801014 Datasheet HTML 1Page - PHOENIX CONTACT 0801014 Datasheet HTML 2Page - PHOENIX CONTACT 0801014 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/0801014
09/06/2018   Page 2 / 3
Shrink sleeve - WMS-2 HF 4,8 (15X9)RL - 0801014
Technical data
General
Type
Shrink sleeve
Components
halogen-free
Material
Polyolefine
RoHS compliant
Yes
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Printing
without print
Number of individual labels
4000
Number of individual labels per row
4
Printability
Thermal transfer
Device
5146477 THERMOMARK ROLL
5146723 THERMOMARK ROLL X1
5146231 THERMOMARK X1.2
5146147 THERMOMARK W2
Ink ribbon
5148007 THERMOMARK-RIBBON 110-WMTB HF
0801358 THERMOMARK-RIBBON 110-WMSU
0801360 THERMOMARK-RIBBON 64-WMSU
0803390 THERMOMARK-RIBBON 25-WMSU
Test for substances that would hinder coating with paint or varnish
VW PV 3.10.7:2005-02
Result
Test passed
Test specification weathering-resistance
Following ISO 4892-2:2013-03
Test duration
96 h
Wipe resistance test result
Test passed
Salt spray test specification
DIN EN 60068-2-11:2000-02
Test duration
96 h
Salt spray testing result
Test passed
Wipe resistance of test specification inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Result
Test passed
Marking mounting type
slide on
Oxygen index (DIN EN ISO 4589-2)
34.9 %
R22
HL 1 - HL 3
R23
HL 1 - HL 3
R24
HL 1 - HL 3
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3 HL 1 - HL 3 HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3 HL 1 - HL 3 HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3 HL 1 - HL 3 HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3 HL 1 - HL 3 HL 1 - HL 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com