Electronic Components Datasheet Search
  English  ▼

X  

TDA7419TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7419TR
Description  3 BAND CAR AUDIO PROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7419TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7419TR Datasheet HTML 3Page - STMicroelectronics TDA7419TR Datasheet HTML 4Page - STMicroelectronics TDA7419TR Datasheet HTML 5Page - STMicroelectronics TDA7419TR Datasheet HTML 6Page - STMicroelectronics TDA7419TR Datasheet HTML 7Page - STMicroelectronics TDA7419TR Datasheet HTML 8Page - STMicroelectronics TDA7419TR Datasheet HTML 9Page - STMicroelectronics TDA7419TR Datasheet HTML 10Page - STMicroelectronics TDA7419TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7/30
TDA7419
SPEAKER ATTENUATORS
GMAX
Max Gain
14
15
16
dB
AMAX
Max Attenuation
-83
-79
-75
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
AMUTE
Mute Attenuation
80
90
dB
EE
Attenuation Set Error
2
dB
VDC
DC Steps
Adjacent Attenuation Steps
-5
0.1
5
mV
AUDIO OUTPUTS
VCL
Clipping level
d = 0.3%
1.8
2
VRMS
ROUT
Output impedance
30
100
Ω
RL
Output Load Resistance
2
k
Ω
CL
Output Load Capacitor
10
nF
VDC
DC Voltage Level
3.8
4.0
4.2
V
SUBWOOFER ATTENUATOR
GMAX
Max Gain
14
15
16
dB
AMAX
Max Attenuation
-83
-79
-75
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
AMUTE
Mute Attenuation
80
90
dB
EE
Attenuation Set Error
2
dB
VDC
DC Steps
Adjacent Attenuation Steps
-5
1
5
mV
SUBWOOFER LOWPASS
fLP
Lowpass Corner Frequency
fLP1
72
80
88
Hz
fLP2
108
120
132
Hz
fLP3
144
160
176
Hz
HPF EFFECT
GMAX
Max Gain
21
22
23
dB
GMIN
Min Gain
3
4
5
dB
ASTEP
Step Resolution
1.5
2
2.5
dB
SPECTRUM ANALYZER CONTROL
VSAOut
Output Voltage Range
0
3.3
V
fC1
Center Frequency Band 1
5.5
62
69
Hz
fC2
Center Frequency Band 2
141
157
173
Hz
fC3
Center Frequency Band 3
356
392
436
Hz
fC4
Center Frequency Band 4
0.9
1
1.1
kHz
fC5
Center Frequency Band 5
2.26
2.51
2.76
kHz
fC6
Center Frequency Band 6
5.70
6.34
6.98
kHz
fC7
Center Frequency Band 7
14.4
16
17.6
kHz
Q
Quality Factor
Q1
1.62
1.8
1.98
Q2
3.15
3.5
3.85
fSAClk
Clock Frequency
3
100
kHz
tSadel
Analog Output Delay Time
2
µs
Table 6. Electrical Characteristcs (continued)
VS = 8.5V; Tamb = 25°C; RL= 10kΩ ; all gains = 0dB; f = 1kHz; unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com