Electronic Components Datasheet Search
  English  ▼

X  

TDA7419TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7419TR
Description  3 BAND CAR AUDIO PROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7419TR Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7419TR Datasheet HTML 1Page - STMicroelectronics TDA7419TR Datasheet HTML 2Page - STMicroelectronics TDA7419TR Datasheet HTML 3Page - STMicroelectronics TDA7419TR Datasheet HTML 4Page - STMicroelectronics TDA7419TR Datasheet HTML 5Page - STMicroelectronics TDA7419TR Datasheet HTML 6Page - STMicroelectronics TDA7419TR Datasheet HTML 7Page - STMicroelectronics TDA7419TR Datasheet HTML 8Page - STMicroelectronics TDA7419TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3/30
TDA7419
Table 5. Pin Description
Pin
N#
Pin Name
Function
I/O
1
ACOUTR / AC2OUTR
AC coupling right output / DSO filter AC2OUT right channel
O
2
ACINR / FILOR
AC coupling right input / DSO filter FILO right channel
I/O
3
ACINL / FILOL
AC coupling left input / DSO filter FILO left channel
I/O
4
ACOUTL / AC2OUTL
AC coupling left output / DSO filter AC2OUT left channel
O
5
SE3L / ACINL
Single-ended input 3 left channel / AC coupling left input
I
6
SE3R / ACINR
Single-ended input 3 right channel / AC coupling right input
I
7
SE2L
Single-ended input 2 left channel
I
8
SE2R
Single-ended input 2 right channel
I
9
SE1L
Single-ended input 1 left channel
I
10
SE1R
Single-ended input 1 Right channel
I
11
DIFFL
Pseudo differential stereo input left
I
12
DIFFG
Pseudo differential stereo input common
I
13
DIFFR
Pseudo differential stereo input right
I
14
CREF
Reference capacitor
O
15
GND
Ground
S
16
OUTSW / OUTLR2
Subwoofer output / 2nd rear left output
O
17
OUTRF
Front right output
O
18
OUTRR
Rear right output
O
19
OUTLR
Rear left output
O
20
OUTLF
Front left output
O
21
MUTE
External mute pin
I
22
SCL
I2C bus clock
I
23
SDA
I2C bus data
I/O
24
VDD
Supply
S
25
SAIN
Spectrum analyzer clock input
I
26
SAOUT
Spectrum analyzer output
O
27
VREF
Vref output
O
28
MIX / OUTSW / OUTRR2 Mix input / Additional subwoofer output / 2nd rear right output
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com