Electronic Components Datasheet Search
  English  ▼

X  

TDA7419TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7419TR
Description  3 BAND CAR AUDIO PROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7419TR Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7419TR Datasheet HTML 1Page - STMicroelectronics TDA7419TR Datasheet HTML 2Page - STMicroelectronics TDA7419TR Datasheet HTML 3Page - STMicroelectronics TDA7419TR Datasheet HTML 4Page - STMicroelectronics TDA7419TR Datasheet HTML 5Page - STMicroelectronics TDA7419TR Datasheet HTML 6Page - STMicroelectronics TDA7419TR Datasheet HTML 7Page - STMicroelectronics TDA7419TR Datasheet HTML 8Page - STMicroelectronics TDA7419TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5/30
TDA7419
4
ELECTRICAL CHARACTERISTICS
Table 6. Electrical Characteristcs
VS = 8.5V; Tamb = 25°C; RL= 10kΩ ; all gains = 0dB; f = 1kHz; unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
Vs
Supply Voltage
8
8.5
10
V
IS
Supply Current
27
37
47
mA
INPUT SELECTOR
Rin
Input Resistance
All single ended inputs
70
100
130
k
Ω
VCL
Clipping level
All Input
1.8
2
VRMS
QD input
1.7
2
VRMS
SIN
Input Separation
80
100
dB
GIN MIN
Min. Input Gain
-1
0
1
dB
GIN MAX
Max. Input Gain
13
15
17
dB
GSTEP
Step Resolution
0.5
1
1.5
dB
VDC
DC Steps
Adjacent Gain Steps
-5
1
5
mV
GMIN to GMAX
-20
4
20
mV
Voffset
Remaining offset with AutoZero
0.5
mV
DIFFERENTIAL STEREO INPUTS
Rin
Input Resistance
Differential
70
100
130
K
Ω
CMRR
Common Mode Rejection Ratio
VCM =1 VRMS@ 1kHz
46
70
dB
VCM =1 VRMS@ 10kHz
46
60
dB
eNo
Output Noise @ Speaker Outputs
20Hz-20kHz,flat;all stages 0dB
12
µV
MIXING CONTROL
MLEVEL
Mixing Ratio
Main / Mix Source
-6/-6
dB
GMAX
Max Gain
13
15
17
dB
AMAX
Max Attenuation
-83
-79
-75
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
LOUDNESS CONTROL
AMAX
Max Attenuation
-17
-15
-13
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fPeak
Peak Frequency
fP1
360
400
440
Hz
fP2
720
800
880
Hz
fP3
2200
2400
2600
Hz
VOLUME CONTROL
GMAX
Max Gain
13
15
17
dB
AMAX
Max Attenuation
-83
-79
-75
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
G = -20 to +20dB
-0.75
0
+0.75
dB
G = -79 to -20dB
-4
0
3
dB
ET
Tracking Error
2dB
VDC
DC Steps
Adjacent Attenuation Steps
-3
0.1
3
mV
From 0dB to GMIN
-5
0.5
5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com