Electronic Components Datasheet Search
  English  ▼

X  

TLHW490 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHW490
Description  White LED in 3mm T 1 Waterclear Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHW490 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHW490 Datasheet HTML 1Page - Vishay Siliconix TLHW490 Datasheet HTML 2Page - Vishay Siliconix TLHW490 Datasheet HTML 3Page - Vishay Siliconix TLHW490 Datasheet HTML 4Page - Vishay Siliconix TLHW490 Datasheet HTML 5Page - Vishay Siliconix TLHW490 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VISHAY
TLHW490.
Document Number 83161
Rev. 1.2, 31-Aug-04
Vishay Semiconductors
www.vishay.com
1
e2 Pb
Pb-free
19222
White LED in 3mm T 1 Waterclear Package
Description
High Intensity LED with typical color coordinates x =
0.33, y = 0.33 (typical color temperature 5500 k). This
LED emits white light with a high color rendering
index.
The emission spectrum is tuned for ideal white, with-
out the impression of being blue shaded or "cold". The
package is a standard 3mm.
The internal reflector is filled with a compound of TAG
phosphor and an elastic resin.
Therefore the chip is better protected against temper-
ature cycle stress.
The phosphor converts the blue emission of the
InGaN chip partially to amber, which mixes with the
remaining blue to produce white.
Features
• High efficient InGaN technology
• Chromaticity coordinate categorized according to
CIE1931 per packing unit
• Typical chromaticity coordinates x = 0.33; y = 0.33
• Typical color temperature 5500 K
• ESD class 1
• Small viewing angle, high luminous intensity
• Chip embedded in elastic resin, improved robust-
ness against temperature cycle stress
• Lead-free device
Applications
Indicator and backlighting
Indoor and outdoor message panels
Alternative to incandescent lamps
Marker lights
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLHW490.
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLHW4900
White, IV > 240 mcd
16 °
InGaN / TAG on SiC
TLHW4901
White, IV = (240 to 860) mcd
16 °
InGaN / TAG on SiC
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
5V
DC Forward current
Tamb ≤ 50 °C
IF
30
mA
Surge forward current
tp ≤ 10 µsIFSM
0.1
A
Power dissipation
Tamb ≤ 50 °C
PV
126
mW
Junction temperature
Tj
100
°C


Similar Part No. - TLHW490

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHW5100 VISHAY-TLHW5100 Datasheet
175Kb / 5P
White LED in 5mm (T 1 3/4) Waterclear Package
31-Aug-04
TLHW5400 VISHAY-TLHW5400 Datasheet
143Kb / 5P
White LED in 5mm (T1 3/4) Waterclear Package
05-Apr-01
More results

Similar Description - TLHW490

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHW5100 VISHAY-TLHW5100 Datasheet
175Kb / 5P
White LED in 5mm (T 1 3/4) Waterclear Package
31-Aug-04
TLHW5400 VISHAY-TLHW5400 Datasheet
143Kb / 5P
White LED in 5mm (T1 3/4) Waterclear Package
05-Apr-01
logo
Chicago Miniature Lamp,...
CMD204UWC CML-CMD204UWC Datasheet
49Kb / 1P
T -1 White LED
logo
Linear Technology
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
White LED Driver and Boost Converter in 3mm 3mm DFN Package
logo
LUMEX INC.
SSL-LX3044UWC LUMEX-SSL-LX3044UWC Datasheet
98Kb / 1P
T-3mm ULTRA WHITE LED
SSL-LX3044UWW LUMEX-SSL-LX3044UWW Datasheet
56Kb / 1P
T-3mm ULTRA WHITE LED
SSL-LX3054UWC-A LUMEX-SSL-LX3054UWC-A Datasheet
47Kb / 1P
T-3mm ULTRA WHITE LED
SSL-LX3054UWC-B LUMEX-SSL-LX3054UWC-B Datasheet
47Kb / 1P
T-3mm ULTRA WHITE LED
SSL-LX3054UWC-H LUMEX-SSL-LX3054UWC-H Datasheet
64Kb / 1P
T-3MM ULTRA WHITE LED
SSL-LX305F6UWC LUMEX-SSL-LX305F6UWC Datasheet
65Kb / 1P
T-3mm LED WHITE LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com