Electronic Components Datasheet Search
  English  ▼

X  

TLHW490 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLHW490
Description  White LED in 3mm T 1 Waterclear Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHW490 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLHW490 Datasheet HTML 1Page - Vishay Siliconix TLHW490 Datasheet HTML 2Page - Vishay Siliconix TLHW490 Datasheet HTML 3Page - Vishay Siliconix TLHW490 Datasheet HTML 4Page - Vishay Siliconix TLHW490 Datasheet HTML 5Page - Vishay Siliconix TLHW490 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 83161
Rev. 1.2, 31-Aug-04
VISHAY
TLHW490.
Vishay Semiconductors
Figure 9. Rel. Luminous Intensity vs. Angular Displacement
Figure 10. Coordinates of Colorgroups
0.4
0.2
0
0.2
0.4
0.6
95 10044
0.6
0.9
0.8
0°°°
30°
10
20
40°
50°
60°
70°
80°
0.7
1.0
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.20
0.25
0.30
0.35
0.40
0.45
0.50
16284
Coordinates of Colorgroups
a = 20000K
b = 10000K
c = 7000K
d = 6000K
e = 5000K
f =
4000K
a
b
c
d
e
f
3
4
5
.
.
A
D65



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com