Electronic Components Datasheet Search
  English  ▼

X  

TLHW490 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLHW490
Description  White LED in 3mm T 1 Waterclear Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHW490 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHW490 Datasheet HTML 1Page - Vishay Siliconix TLHW490 Datasheet HTML 2Page - Vishay Siliconix TLHW490 Datasheet HTML 3Page - Vishay Siliconix TLHW490 Datasheet HTML 4Page - Vishay Siliconix TLHW490 Datasheet HTML 5Page - Vishay Siliconix TLHW490 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VISHAY
TLHW490.
Document Number 83161
Rev. 1.2, 31-Aug-04
Vishay Semiconductors
www.vishay.com
3
Figure 3. Relative Luminous Intensity vs. Forward Current
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Relative Intensity vs. Wavelength
0.01
0.1
1
10
1
10
100
IF - Forward Current ( mA )
16194
1
10
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VF - Forward Voltage(V)
16195
0
10
20
30
40
50
60
70
80
90
100
400 450 500 550 600 650 700 750 800
- Wavelength ( nm )
16196
λ
Figure 6. Rel. Luminous Intensity vs. Ambient Temperature
Figure 7. Chromaticity Coordinate Shift vs. Forward Current
Figure 8. Forward Voltage vs. Ambient Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
16197
Tamb- Ambient Temperature ( °C)
0 1020 30 40506070 80 90 100
0.315
0.320
0.325
0.330
0.335
0.340
0.345
16198
X
Y
IF - Forward Current ( mA )
White
060
50
40
30
20
10
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
3.95
16199
Tamb - Ambient Temperature ( ° C)
0 1020
30 40506070 80 90 100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com