Electronic Components Datasheet Search
  English  ▼

X  

AD1934 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1934
Description  8-Channel DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1934 Datasheet(HTML) 1 Page - Analog Devices

  AD1934_13 Datasheet HTML 1Page - Analog Devices AD1934_13 Datasheet HTML 2Page - Analog Devices AD1934_13 Datasheet HTML 3Page - Analog Devices AD1934_13 Datasheet HTML 4Page - Analog Devices AD1934_13 Datasheet HTML 5Page - Analog Devices AD1934_13 Datasheet HTML 6Page - Analog Devices AD1934_13 Datasheet HTML 7Page - Analog Devices AD1934_13 Datasheet HTML 8Page - Analog Devices AD1934_13 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
8-Channel DAC with PLL and
Single-Ended Outputs, 192 kHz, 24 Bits
Data Sheet
AD1934
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
PLL generated or direct master clock
Low EMI design
108 dB DAC dynamic range and SNR
−94 dB THD + N
Single 3.3 V supply
Tolerance for 5 V logic inputs
Supports 24 bits and 8 kHz to 192 kHz sample rates
Single-ended DAC output
Log volume control with autoramp function
SPI® controllable for flexibility
Software-controllable clickless mute
Software power-down
Right-justified, left-justified, I2S, and TDM modes
Master and slave modes up to 16-channel in/out
48-lead LQFP
Qualified for automotive applications
APPLICATIONS
Automotive audio systems
Home theater systems
Set-top boxes
Digital audio effects processors
GENERAL DESCRIPTION
The AD1934 is a high performance, single chip that provides
eight digital-to-analog converters (DACs) with single-ended
output using the Analog Devices, Inc., patented multibit sigma-
delta (Σ-Δ) architecture. An SPI port is included, allowing a
microcontroller to adjust volume and many other parameters.
The AD1934 operates from 3.3 V digital and analog supplies.
The AD1934 is available in a 48-lead (single-ended output)
LQFP. Other members of this family include a differential DAC
output version.
The AD1934 is designed for low EMI. This consideration is
apparent in both the system and circuit design architectures.
By using the on-board PLL to derive the master clock from the
LR clock or from an external crystal, the AD1934 eliminates the
need for a separate high frequency master clock and can also be
used with a suppressed bit clock. The DACs are designed using
the latest Analog Devices continuous time architectures to further
minimize EMI. By using 3.3 V supplies, power consumption is
minimized, further reducing emissions.
FUNCTIONAL BLOCK DIAGRAM
SERIAL
DATA
PORT
PRECISION
VOLTAGE
REFERENCE
TIMING MANAGEMENT
AND CONTROL
(CLOCK AND PLL)
CONTROL PORT
SPI
CONTROL DATA
INPUT/OUTPUT
AD1934
DIGITAL AUDIO
INPUT/OUTPUT
SDATAIN
CLOCKS
ANALOG
AUDIO
OUTPUTS
6.144MHz
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DIGITAL
FILTER
AND
VOLUME
CONTROL
Figure 1.


Similar Part No. - AD1934_13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1934YSTZ AD-AD1934YSTZ Datasheet
527Kb / 28P
8-Channel DAC with PLL, 192 kHz, 24 Bits
REV. 0
AD1934YSTZ-RL AD-AD1934YSTZ-RL Datasheet
527Kb / 28P
8-Channel DAC with PLL, 192 kHz, 24 Bits
REV. 0
More results

Similar Description - AD1934_13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8600 AD-AD8600 Datasheet
236Kb / 16P
16-Channel, 8-Bit Multiplying DAC
REV.0
logo
Wolfson Microelectronic...
WM8768 WOLFSON-WM8768 Datasheet
393Kb / 38P
24-bit, 192kHz 8-Channel DAC
logo
Asahi Kasei Microsystem...
AK4348 AKM-AK4348 Datasheet
377Kb / 31P
3.3V 192kHz 24-Bit 8-Channel DAC
logo
Agamem Microelectronic ...
AA88349 AGAMEM-AA88349 Datasheet
196Kb / 8P
8-BIT DAC
logo
Wolfson Microelectronic...
WM8768 WOLFSON-WM8768_10 Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
logo
Asahi Kasei Microsystem...
AK2330 AKM-AK2330 Datasheet
273Kb / 16P
DAC Type 8-bit 8-channel Electronic Volume
logo
Analog Devices
AD8600 AD-AD8600_15 Datasheet
132Kb / 16P
16-Channel, 8-Bit Multiplying DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4438 AKM-AK4438 Datasheet
1Mb / 63P
108dB 768kHz 32bit 8-Channel Audio DAC
logo
Cirrus Logic
WM8768 CIRRUS-WM8768 Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
logo
Analog Devices
AD5593R AD-AD5593R_17 Datasheet
1Mb / 34P
8-Channel, 12-Bit, Configurable ADC/DAC
03-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com