Electronic Components Datasheet Search
  English  ▼

X  

AD1934 Datasheet(PDF) 25 Page - Analog Devices

Part # AD1934
Description  8-Channel DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1934 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD1934_13 Datasheet HTML 20Page - Analog Devices AD1934_13 Datasheet HTML 21Page - Analog Devices AD1934_13 Datasheet HTML 22Page - Analog Devices AD1934_13 Datasheet HTML 23Page - Analog Devices AD1934_13 Datasheet HTML 24Page - Analog Devices AD1934_13 Datasheet HTML 25Page - Analog Devices AD1934_13 Datasheet HTML 26Page - Analog Devices AD1934_13 Datasheet HTML 27Page - Analog Devices AD1934_13 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
AD1934
Rev. D | Page 25 of 28
APPLICATION CIRCUITS
Typical applications circuits are shown in Figure 21, Figure 22,
and Figure 23. Recommended loop filters for LR clock and
master clock as the PLL reference are shown in Figure 21.
Output filters for the DAC outputs are shown in Figure 22 and
Figure 23 for the noninverting and inverting cases, respectively.
39nF
+
2.2nF
LF
LRCLK
AVDD2
3.32kΩ
5.6nF
390pF
LF
MCLK
AVDD2
562Ω
Figure 21. Recommended Loop Filters for LRCLK or MCLK PLL Reference
3
1
2
OP275
+
–
4.75kΩ
4.75kΩ
4.7µF
+
DAC OUT
240pF
NPO
270pF
NPO
3.3nF
NPO
AUDIO
OUTPUT
4.99kΩ
604Ω
4.99kΩ
49.9kΩ
Figure 22. Typical DAC Output Filter Circuit (Single-Ended, Noninverting)
2
1
3
OP275
–
+
3.01kΩ
11kΩ
4.7µF
+
DAC
OUT
CM
0.1µF
270pF
NPO
68pF
NPO
2.2nF
NPO
AUDIO
OUTPUT
604Ω
49.9kΩ
11kΩ
Figure 23. Typical DAC Output Filter Circuit (Single-Ended, Inverting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com