Electronic Components Datasheet Search
  English  ▼

X  

AD8566 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8566
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8566 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8566 Datasheet HTML 3Page - Analog Devices AD8566 Datasheet HTML 4Page - Analog Devices AD8566 Datasheet HTML 5Page - Analog Devices AD8566 Datasheet HTML 6Page - Analog Devices AD8566 Datasheet HTML 7Page - Analog Devices AD8566 Datasheet HTML 8Page - Analog Devices AD8566 Datasheet HTML 9Page - Analog Devices AD8566 Datasheet HTML 10Page - Analog Devices AD8566 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
AD8565/AD8566/AD8567
Rev. H | Page 7 of 13
150
135
120
105
90
75
60
45
30
15
0
TEMPERATURE (°C)
ISOURCE = 5mA
VS = 4.5V
VS = 16V
–40
25
85
Figure 17. Output Voltage Swing to Rail vs. Temperature
FREQUENCY (Hz)
500
450
0
400
350
300
250
200
150
100
50
100
1k
10k
100k
1M
10M
AV = +1
TA = 25°C
VS = 4.5V
VS = 16V
Figure 18. Closed-Loop Output Impedance vs. Frequency
FREQUENCY (Hz)
20
40
60
80
100
120
0
140
10
100
1k
10k
100k
1M
10M
VS = 16V
TA = 25°C
Figure 19. Common-Mode Rejection Ratio (CMRR) vs. Frequency
160
140
–40
120
100
80
60
40
20
0
–20
+PSRR
–PSRR
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
VS = 16V
TA = 25°C
Figure 20. Power Supply Rejection Ratio vs. Frequency
TIME (40µs/DIV)
VS = 16V
RL = 10kΩ
AV = +1
TA = 25°C
Figure 21. No Phase Reversal
INPUT OFFSET VOLTAGE (mV)
1.8k
1.6k
0
800
600
400
200
1.2k
1.0k
1.4k
VS = 16V
TA = 25°C
–10
–8
–6
–4
–2
0
2
4
6
8
10
Figure 22. Input Offset Voltage Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com