Electronic Components Datasheet Search
  English  ▼

X  

AD8566 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8566
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8566 Datasheet(HTML) 3 Page - Analog Devices

  AD8566 Datasheet HTML 1Page - Analog Devices AD8566 Datasheet HTML 2Page - Analog Devices AD8566 Datasheet HTML 3Page - Analog Devices AD8566 Datasheet HTML 4Page - Analog Devices AD8566 Datasheet HTML 5Page - Analog Devices AD8566 Datasheet HTML 6Page - Analog Devices AD8566 Datasheet HTML 7Page - Analog Devices AD8566 Datasheet HTML 8Page - Analog Devices AD8566 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
AD8565/AD8566/AD8567
Rev. H | Page 3 of 13
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
4.5 V ≤ VS ≤ 16 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
2
10
mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +85°C
5
µV/°C
Input Bias Current
IB
80
600
nA
−40°C ≤ TA ≤ +85°C
800
nA
Input Offset Current
IOS
1
80
nA
−40°C ≤ TA ≤ +85°C
130
nA
Input Voltage Range
Common-mode input
−0.5
VS + 0.5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to VS, −40°C ≤ TA ≤ +85°C
54
95
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = 0.5 V to (VS − 0.5 V)
3
10
V/mV
Input Impedance
ZIN
400
kΩ
Input Capacitance
CIN
1
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 100 µA
VS − 0.005
V
VS = 16 V, IL = 5 mA
15.85
15.95
V
−40°C ≤ TA ≤ +85°C
15.75
V
VS = 4.5 V, IL = 5 mA
4.2
4.38
V
−40°C ≤ TA ≤ +85°C
4.1
V
Output Voltage Low
VOL
IL = 100 µA
5
mV
VS = 16 V, IL = 5 mA
42
150
mV
−40°C ≤ TA ≤ +85°C
250
mV
VS = 4.5 V, IL = 5 mA
95
300
mV
−40°C ≤ TA ≤ +85°C
400
mV
Continuous Output Current
IOUT
35
mA
Peak Output Current
IPK
VS = 16 V
250
mA
POWER SUPPLY
Supply Voltage
VS
4.5
16
V
Power Supply Rejection Ratio
PSRR
VS = 4 V to 17 V, −40°C ≤ TA ≤ +85°C
70
90
dB
Supply Current/Amplifier
ISY
VO = VS/2, no load
700
850
µA
−40°C ≤ TA ≤ +85°C
1
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, CL = 200 pF
4
6
V/µs
Gain Bandwidth Product
GBP
RL = 10 kΩ, CL = 10 pF
5
MHz
Phase Margin
Øm
RL = 10 kΩ, CL = 10 pF
65
Degrees
Channel Separation
75
dB
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
26
nV/√Hz
en
f = 10 kHz
25
nV/√Hz
Current Noise Density
in
f = 10 kHz
0.8
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com