Electronic Components Datasheet Search
  English  ▼

X  

AD8566 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8566
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8566 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8566 Datasheet HTML 5Page - Analog Devices AD8566 Datasheet HTML 6Page - Analog Devices AD8566 Datasheet HTML 7Page - Analog Devices AD8566 Datasheet HTML 8Page - Analog Devices AD8566 Datasheet HTML 9Page - Analog Devices AD8566 Datasheet HTML 10Page - Analog Devices AD8566 Datasheet HTML 11Page - Analog Devices AD8566 Datasheet HTML 12Page - Analog Devices AD8566 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
AD8565/AD8566/AD8567
Rev. H | Page 13 of 13
4.10
4.00 SQ
3.90
0.35
0.30
0.25
2.25
2.10 SQ
1.95
1
0.65
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
0.70
0.60
0.50
SEATING
PLANE
0.05 MAX
0.02 NOM
0.203 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.80
0.75
0.70
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGC.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
EXPOSED
PAD
Figure 37. 16-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-16-23)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Absolute Maximum (V)
Temperature Range
Package Description
Package Option
Branding
AD8565AKSZ-REEL7
18
−40°C to +85°C
5-Lead SC70
KS-5
A0N
AD8566ARMZ-R2
18
−40°C to +85°C
8-Lead MSOP
RM-8
ATA#
AD8566ARMZ-REEL
18
−40°C to +85°C
8-Lead MSOP
RM-8
ATA#
AD8566WARMZ-REEL
18
−40°C to +85°C
8-Lead MSOP
RM-8
LG3
AD8567ARUZ
18
−40°C to +85°C
14-Lead TSSOP
RU-14
AD8567ARUZ-REEL
18
−40°C to +85°C
14-Lead TSSOP
RU-14
AD8567ACPZ-R2
18
−40°C to +85°C
16-Lead LFCSP
CP-16-23
AD8567ACPZ-REEL
18
−40°C to +85°C
16-Lead LFCSP
CP-16-23
AD8567ACPZ-REEL7
18
−40°C to +85°C
16-Lead LFCSP
CP-16-23
1
Z = RoHS Compliant Part, # denotes RoHs compliant product, may be top or bottom marked.
2
Qualified for automotive applications.
©2001–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D01909-0-10/17(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com