Electronic Components Datasheet Search
  English  ▼

X  

ADV7626 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7626
Description  3 GHz HDMI 2:2 Crosspoint Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7626 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7626 Datasheet HTML 9Page - Analog Devices ADV7626 Datasheet HTML 10Page - Analog Devices ADV7626 Datasheet HTML 11Page - Analog Devices ADV7626 Datasheet HTML 12Page - Analog Devices ADV7626 Datasheet HTML 13Page - Analog Devices ADV7626 Datasheet HTML 14Page - Analog Devices ADV7626 Datasheet HTML 15Page - Analog Devices ADV7626 Datasheet HTML 16Page - Analog Devices ADV7626 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADV7626
Rev. 0 | Page 13 of 24
Parameter
Symbol
Min
Typ
Max
Unit
CURRENT CONSUMPTION—POWER-DOWN MODE 11, 6
HDMI TxA Analog Power Supply
IAVDD_TXA
0.95
mA
HDMI TxB Analog Power Supply
IAVDD_TXB
0.95
mA
Comparator Power Supply
ICVDD
0.84
mA
Digital Core Power Supply
IDVDD
0.95
mA
Digital I/O Power Supply
IDVDDIO
0.21
mA
PLL Power Supply
IPVDD
0.02
mA
HDMI TxA PLL Power Supply
IPVDD_TXA
0.05
mA
HDMI TxB PLL Power Supply
IPVDD_TXB
0.05
mA
Termination Power Supply
ITVDD
0.14
mA
CURRENT CONSUMPTION—EXAMPLE MAXIMUM
OPERATING MODE1, 7
HDMI TxA Analog Power Supply
IAVDD_TXA
31.00
mA
HDMI TxB Analog Power Supply
IAVDD_TXB
31.00
mA
Comparator Power Supply
ICVDD
213.00
mA
Digital Core Power Supply
IDVDD
530.00
mA
Digital I/O Power Supply
IDVDDIO
0.20
mA
PLL Power Supply
IPVDD
75.00
mA
HDMI TxA PLL Power Supply
IPVDD_TXA
80.00
mA
HDMI TxB PLL Power Supply
IPVDD_TXB
80.00
mA
Termination Power Supply
ITVDD
128.00
mA
1
Data recorded during lab characterization. Typical current consumption values are recorded with nominal voltage supply levels and at room temperature.
2
ADV7626 configured in mux mode with two active HDMI Rx inputs and two HDMI Tx outputs in use. 4k × 2k at 30 Hz video format with pseudo random test pattern
applied to each HDMI Rx input port. HDMI Rx termination closed on the two HDMI Rx input ports. HDMI Tx source termination enabled.
3
ADV7626 configured in audio extract/audio insert mode with two active HDMI Rx inputs and two HDMI Tx outputs in use. Audio extracted from both HDMI Rx inputs
and output on AP1_OUT and AP2_OUT. Audio inserted on HDMI Tx outputs from AP1_IN and AP2_IN input ports, respectively. HBR audio used. 4k × 2k at 30 Hz video
format with pseudo random test pattern applied to both HDMI Rx input ports. HDMI Rx port termination closed on the two HDMI Rx input ports. HDMI Tx source
termination enabled. OSD not enabled.
4
ADV7626 configured in splitter mode with one HDMI Rx input and two HDMI Tx outputs in use. 4k × 2k at 30 Hz video format with pseudo random test pattern applied
to one HDMI Rx input and output on both HDMI Tx outputs using splitter mode. HBR audio from HDMI Rx input inserted on the HDMI Tx outputs. No audio extraction.
HDMI Rx port termination closed on the active HDMI Rx input port and open on the unused HDMI Rx input port. HDMI Tx source termination enabled. OSD enabled
and blended on both HDMI Tx outputs using splitter mode.
5
ADV7626 configured in Power-Down Mode 0 with two HDMI Rx inputs and two HDMI Tx outputs connected. In Power-Down Mode 0, all blocks are powered down
except for the I2C slave.
6
ADV7626 configured in Power-Down Mode 1 with two HDMI Rx inputs and two HDMI Tx outputs connected. In Power-Down Mode 1, all blocks are powered down
except for the I2C slave and the CEC (to monitor wake-up interrupts).
7
ADV7626 configured in an example maximum operating mode with two active HDMI Rx inputs and two HDMI Tx outputs in use. HBR audio from the two active HDMI
Rx inputs inserted on the corresponding HDMI Tx outputs. No audio extraction. 4k × 2k at 30 Hz video format with pseudo random test pattern applied to both HDMI Rx
input ports. HDMI Rx port termination closed on the two HDMI Rx input ports. HDMI Tx source termination enabled. OSD not enabled. Maximum current consumption
values recorded with maximum power supply levels at device maximum operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com