Electronic Components Datasheet Search
  English  ▼

X  

ADV7626 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7626
Description  3 GHz HDMI 2:2 Crosspoint Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7626 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7626 Datasheet HTML 16Page - Analog Devices ADV7626 Datasheet HTML 17Page - Analog Devices ADV7626 Datasheet HTML 18Page - Analog Devices ADV7626 Datasheet HTML 19Page - Analog Devices ADV7626 Datasheet HTML 20Page - Analog Devices ADV7626 Datasheet HTML 21Page - Analog Devices ADV7626 Datasheet HTML 22Page - Analog Devices ADV7626 Datasheet HTML 23Page - Analog Devices ADV7626 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADV7626
Rev. 0 | Page 21 of 24
POWER SUPPLY RECOMMENDATIONS
POWER-UP SEQUENCE
The power-up sequence for the ADV7626 is as follows:
1. Hold the RESET pin low.
2. Power up the 3.3 V supplies (DVDDIO and TVDD).
3. After the 3.3 V supplies reach their minimum recom-
mended value of 3.14 V, wait at least 20 ms before
powering up the 1.8 V supplies.
4. Power up the 1.8 V supplies (AVDD_TXA, AVDD_TXB,
CVDD, DVDD, PVDD, PVDD_TXA, and PVDD_TXB).
These supplies should be powered up at the same time;
that is, there should be a difference of less than 0.3 V
between them.
5. Release the RESET pin after all supplies are established.
After power-up, a complete reset is recommended. This reset
can be performed by the system microcontroller.
t
PSS ≥ 20ms
RESET > 5ms
RESET
1.8V
SUPPLY
3.3V
SUPPLY
0V
0V
0V
3.3V
3.3V
1.8V
3.14V
Figure 18. ADV7626 Supply Power-Up Sequence
POWER-DOWN SEQUENCE
The ADV7626 supplies can be deasserted simultaneously as
long as DVDDIO or TVDD does not fall below a lower rated
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com