Electronic Components Datasheet Search
  English  ▼

X  

ADV7626 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7626
Description  3 GHz HDMI 2:2 Crosspoint Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7626 Datasheet(HTML) 3 Page - Analog Devices

  ADV7626 Datasheet HTML 1Page - Analog Devices ADV7626 Datasheet HTML 2Page - Analog Devices ADV7626 Datasheet HTML 3Page - Analog Devices ADV7626 Datasheet HTML 4Page - Analog Devices ADV7626 Datasheet HTML 5Page - Analog Devices ADV7626 Datasheet HTML 6Page - Analog Devices ADV7626 Datasheet HTML 7Page - Analog Devices ADV7626 Datasheet HTML 8Page - Analog Devices ADV7626 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADV7626
Rev. 0 | Page 3 of 24
GENERAL DESCRIPTION
The ADV7626 is a high performance, High-Definition Multi-
media Interface (HDMI®) transceiver with crosspoint and splitter
capabilities. The ADV7626 supports 3 GHz video and features two
independent HDMI receivers, two independent HDMI trans-
mitters, two audio output ports, and two audio input ports. The
ADV7626 supports all HDCP repeater functions through fully
tested Analog Devices, Inc., repeater software libraries and drivers.
The HDMI receivers and transmitters in the ADV7626 support
the reception and transmission of 3 GHz video formats up to 4k ×
2k at 24 Hz/25 Hz/30 Hz, in addition to all mandatory HDMI 3D
TV formats. The receivers and transmitters also provide support
for THX® Media Director™.
Each HDMI receiver features an integrated equalizer that ensures
robust operation of the interface with cable lengths up to 30 meters.
The HDMI receivers share a 768-byte volatile extended display
identification data (EDID) memory, which can facilitate one or two
EDIDs, one for each receiver. Each HDMI port features dedicated
5 V detect and Hot Plug™ assert pins.
Each HDMI transmitter supports audio return channel (ARC)
and features an integrated HDMI CEC controller that supports
capability discovery and control (CDC).
The ADV7626 offers two dedicated audio output ports and two
dedicated audio input ports. Each audio port supports the extrac-
tion and insertion of up to eight channels of audio data out of
or into the HDMI streams. HDMI audio formats, including I2S,
S/PDIF, direct stream digital (DSD), and high bit rate (HBR)
audio are supported.
The ADV7626 has an integrated on-screen display (OSD)
generator that enables the creation and control of high quality
character- and icon-based system status and control displays.
The OSD can be overlaid on 3 GHz video formats and 3D video.
Customers who are interested in using OSD are provided with
Blimp, the Analog Devices OSD development tool.
The ADV7626 is provided in a space-saving, 260-ball, 15 mm ×
15 mm CSP_BGA surface-mount, RoHS-compliant package and
is specified over the 0°C to 70°C temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com