Electronic Components Datasheet Search
  English  ▼

X  

TSM43 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSM43
Description  Surface Mount Cermet Trimmers Multi-turn Cermet Sealed, Industrial Grade
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSM43 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSM43 Datasheet HTML 1Page - Vishay Siliconix TSM43 Datasheet HTML 2Page - Vishay Siliconix TSM43 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Cermet Trimmers
Multi-turn Cermet Sealed, Industrial Grade
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51045
24
Revision: 19-Jan-04
TSM43
Vishay Sfernice
FEATURES
• Sealed to withstand board wash processing
• Pick and place centering design, with flush adjustment
• 4.0mm design meets EIA SMD standard trimmer footprint
• Low CRV, 1%
• Top and side adjust styles
• J-hook and gull-wing configurations
DIMENSIONS in millimeters
TSM43 ZJ
TSM43 ZL
TSM43 YJ
5
4.6
1
2
3
2.6
1.52
SLOT 0.5 X 0.55
0.3
1
2
3
6
4.6
0.5
2.74
1.52
1.52
SLOT 0.5 X 0.55
3.5
5.3
0.2
1.2
5.1
2.6
1.52
SLOT 0.5 X 0.55
5.3
3.9
RECOMMENDED SOLDERING AREAS
CIRCUIT DIAGRAM
1.3
4
2
5.2
1.27
2.9
1.6
a
c
b
cw
(2)
(3)
(1)


Similar Part No. - TSM43

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4392CSRL TSC-TSM4392CSRL Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4392CSRL TSC-TSM4392CSRL Datasheet
68Kb / 4P
30V N-Channel MOSFET
TSM4392 TSC-TSM4392_08 Datasheet
68Kb / 4P
30V N-Channel MOSFET
More results

Similar Description - TSM43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
20-Oct-04
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
19-Jan-04
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
27-Jun-07
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
02-Oct-07
logo
TOCOSAMERICA, INC.
G32 TOCOS-G32 Datasheet
394Kb / 5P
3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
G43 TOCOS-G43 Datasheet
274Kb / 8P
4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
GV4 TOCOS-GV4 Datasheet
293Kb / 6P
4mm Surface Mount, Multi-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
22-Dec-08
logo
List of Unclassifed Man...
ST-4EB503 ETC2-ST-4EB503 Datasheet
173Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com