Electronic Components Datasheet Search
  English  ▼

X  

TSM43 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSM43
Description  Surface Mount Cermet Trimmers Multi-turn Cermet Sealed, Industrial Grade
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSM43 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSM43 Datasheet HTML 1Page - Vishay Siliconix TSM43 Datasheet HTML 2Page - Vishay Siliconix TSM43 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51045
26
Revision: 19-Jan-04
TSM43
Vishay Sfernice
Surface Mount Cermet Trimmers
Multi-turn Cermet Sealed, Industrial Grade
MARKING
VISHAY SFERNICE trademark, ohmic value, manufacturing
date.
The ohmic value is indicated by a 3 digit code, the first two
are significant figures, the third one is the multiplier.
Example:
100 = 10
Ω
101 = 100
Ω
102 = 1k
Ω
503 = 50k
Ω
SOLDERING RECOMMENDATIONS
Vapour phase:
215°C/20 to 40 seconds.
Reflow:
230°C/20 seconds.
Do not exceed peak 260°C
43ZJ
203
J5
Number
and pin style
Manufacturer code
(Vishay Logo)
Resistance
code
Date code
Month
Year
PACKAGING
Standard packaging: Tape and reel
Packaging quantities:
Pin style YJ = 250 pieces, order code TR250
Pin style ZL, ZJ = 500 pieces, order code TR500
ORDERING INFORMATION
TSM43
SERIES
YJ
PIN STYLE
50K
Ω
RESISTANCE CODE
TR250
PACKAGING
YJ
ZJ
ZL
YJ: code TR250
ZJ, ZL: code TR500
7.50
5.32
1.75
16.00
1.50
5.52
ZL = 6.25
ZJ = 5.56
1.75
12.00
1.50
Ø178
± 2.03
Equal spaced
3 places
1.78
± 0.25
Ø13
± 0.51
Ø21.01
± 0.79
2.67
12.40 + 2.00 (ZL, ZJ)
16.40 (YJ, YL)
60
YJ
ZJ.ZL
SAP PART NUMBERING GUIDELINES
TS
M
4
3
Y
J
5
0
3
K
R
0
5
MODEL
STYLE
OHMIC
VALUE
TOL
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com