Electronic Components Datasheet Search
  English  ▼

X  

TSM43 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSM43
Description  Surface Mount Cermet Trimmers Multi-turn Cermet Sealed, Industrial Grade
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSM43 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSM43 Datasheet HTML 1Page - Vishay Siliconix TSM43 Datasheet HTML 2Page - Vishay Siliconix TSM43 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 51045
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 19-Jan-04
25
TSM43
Surface Mount Cermet Trimmers
Multi-turn Cermet Sealed, Industrial Grade
Vishay Sfernice
ELECTRICAL SPECIFICATIONS
Resistive Element
Cermet
Resistance Range
10
Ω to 2MΩ
Electrical Travel
11 turns nominal
Tolerance Standard
±10%
Power Rating
0.25W at + 85°C
0W at + 150°C
Limiting Element Voltage (Linear Law)
300V
Resolution
infinite
Temperature Coefficient
± 100ppm/°C
Contact Resistance Variation (CRV)
1% or 3
Ω max
Minimum Resistance (absolute)
1% or 2
Ω max (whichever is greater)
Sea Level Dielectric Strength (RMS)
600Vac (1 minute)
Insulation Resistance (500 VDC)
100M
Ω mini.
MECHANICAL SPECIFICATIONS
End Stop Torque
clutch action
Operating Torque
180 g.cm max
Unit Weight (approx.)
0.28 g.
Solderability
Per MIL-STD-202
Method 208
Wiper
positioned at 50%
nominal
Flammability
UL-94V-0
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
– 65°C + 150°C
POWER RATING CHART
0
20
40
60
85
100
120
140
155
0
0.125
0.25
AMBIENT TEMPERATURE IN DEGREES CELSIUS
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
Load Life
1000 hours at rated power
90'/30' - ambient temperature + 85°C
Total resistance shift = ± 3
Ω or ± 3%
whichever is greater
Humidity Moisture Resistance
MIL STD 202 Method 106
10 cycles of 24 hours constituted
with damp heat - cold - vibrations
Total resistance shift = ± 2%
insulation resistance: 10M
Ω
Thermal Shock
5 cycles
Total resistance shift = ± 2%
Voltage resistance shift = ± 1%
Rotational Cycling
100 cycles - rated powers
± 3%
Shock
MIL STD 202 Method 213/1
100 g - 6 ms
3 successive shocks in 3 directions
Total resistance shift = ± 1%
Voltage resistance shift = ± 1%
Vibration
MIL STD 202 Method 204/D
20 g - 12 hours
Total resistance shift = ± 1%
Voltage resistance shift = ± 1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com